Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1021A Datasheet (PDF) - NXP Semiconductors

LS1021A Datasheet PDF - NXP Semiconductors
Part # LS1021A
Download  LS1021A Download
File Size   2074.49 Kbytes
Page   205 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description QorIQ LS1021A Data Sheet

LS1021A Datasheet (PDF)

Go To PDF Page Download Datasheet
LS1021A Datasheet PDF - NXP Semiconductors

Part # LS1021A
Download  LS1021A Click to download

File Size   2074.49 Kbytes
Page   205 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description QorIQ LS1021A Data Sheet

LS1021A Datasheet (HTML) - NXP Semiconductors


LS1021A Product details

Features
• Arm® Cortex®-A7 MPCore compliant with Armv7-A™ architecture
• LS1021A contains a dual-core Cortex-A7. Each core includes:
– 32 KB L1 Instruction Cache (ECC protection)
– 32 KB L1 Data Cache (ECC protection)
– NEON co-processor
– Floating Point (FPU)
– QorIQ Trust Architecture and Arm TrustZone®
• Snoop Control Unit (SCU)
• 512 KB unified I/D L2 Cache (ECC protection)
• Hierarchical interconnect fabric
– The platform has a single 128-bit AMBA 4 AXI Coherency Extensions (ACE) master port, which connects to CCI-400 Interconnect.
• One 8/16/32-bit DDR3L/DDR4 SDRAM memory controllers
– ECC and interleaving support
• VeTSEC Ethernet complex
– Up to 3x Gigabit Ethernet
– MII, RMII, RGMII, and SGMII support
– QoS, lossless flow control, and IEEE® 1588
• Up to 4 SerDes lanes for high-speed peripheral interfaces
– Two PCI Express Gen2 controllers
– One Serial ATA 3.0 (SATA 1.5, 3.0, 6.0 Gbps) controller
– Two SGMII interfaces supporting 1000 Mbps
• Integrated audio block
– Four synchronous audio interfaces (SAI)
– I2S, AC97, and Codec/DSP interfaces
– Sony/Philips Digital Interconnect Format (S/PDIF)
– Asynchronous Sample Rate Converter (ASRC)
• Additional peripheral interfaces
– One high-speed USB 3.0 controller with integrated PHY
– One high-speed USB 2.0 controller with ULPI
– Enhanced secure digital host controller (eSDHC/MMC/eMMC)
– Three I2C controllers
– Four FlexCAN modules
– FlexTimer/PWM
– SPI interface
– QuadSPI controller
– Two DUARTs
– Six LPUART interfaces
– Integrated flash controller supporting NAND and NOR flash
– Display controller unit (2D-ACE) 24-bit RGB (12-bit DDR pin interface)
– TDM interface
– Four GPIO controllers supporting up to 109 general purpose I/O signals
– One 4-channel qDMA controller and one eDMA controller
– Global programmable interrupt controller (GIC)
– Thermal monitoring unit (TMU)
• QUICC Engine ULite block
– 32-bit RISC controller for flexible support of the communications peripherals
– Serial DMA channel for receive and transmit on all serial channels
– Two universal communication controllers (TDM and HDLC) supporting 64 multichannels, each running at 64 Kbps
• 525 FC-PBGA package, 19 mm x 19 mm




Similar Part No. - LS1021A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
LS1021A FREESCALE-LS1021A Datasheet
964Kb / 71P
TWR-LS1021A Reference Manual
logo
NXP Semiconductors
LS1021A-IOT NXP-LS1021A-IOT Datasheet
4Mb / 71P
QorIQ LS1021A-IOT Gateway Reference Design Board Reference
Rev. 0, 03/2015
LS1021A-IOT-B NXP-LS1021A-IOT-B Datasheet
4Mb / 71P
QorIQ LS1021A-IOT Gateway Reference Design Board Reference
Rev. 0, 03/2015
LS1021A-IOTRM NXP-LS1021A-IOTRM Datasheet
4Mb / 71P
QorIQ LS1021A-IOT Gateway Reference Design Board Reference
Rev. 0, 03/2015
LS1021ATSN-PA NXP-LS1021ATSN-PA Datasheet
813Kb / 3P
Networking Reference Design
JULY 2017
More results


Similar Description - LS1021A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1022NXE2LFB FREESCALE-P1022NXE2LFB Datasheet
398Kb / 1P
QorIQ Hardware Specifications
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
logo
NXP Semiconductors
LS1088A NXP-LS1088A Datasheet
1Mb / 196P
QorIQ LS1088A Data Sheet
Rev. 0, 01/2018
logo
Freescale Semiconductor...
TWR-LS1021A FREESCALE-TWR-LS1021A Datasheet
964Kb / 71P
TWR-LS1021A Reference Manual
logo
NXP Semiconductors
BSC9132 NXP-BSC9132 Datasheet
1Mb / 145P
BSC9132 QorIQ Qonverge Multicore Baseband Processor Data Sheet
Rev. 2, 01/2018
P5021 NXP-P5021 Datasheet
3Mb / 155P
P5021 QorIQ Integrated Processor Data Sheet
P3041NXN7NNC NXP-P3041NXN7NNC Datasheet
331Kb / 31P
P3041 QorIQ Communications Processor
Rev. 0, 11/2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com