Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPY100 Datasheet (PDF) - Texas Instruments

MPY100 Datasheet PDF - Texas Instruments
Part # MPY100
Download  MPY100 Download
File Size   216.96 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPLIER-DIVIDER

MPY100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPY100 Datasheet PDF - Texas Instruments

Part # MPY100
Download  MPY100 Click to download

File Size   216.96 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTIPLIER-DIVIDER

MPY100 Datasheet (HTML) - Texas Instruments


MPY100 Product details

FEATURES
LOW COST
DIFFERENTIAL INPUT
ACCURACY 100% TESTED AND
GUARANTEED
NO EXTERNAL TRIMMING REQUIRED
LOW NOISE: 90mVrms, 10Hz to 10kHz
HIGHLY RELIABLE ONE-CHIP DESIGN
DIP OR TO-100 TYPE PACKAGE
WIDE TEMPERATURE OPERATION

APPLICATIONS
MULTIPLICATION
DIVISION
SQUARING
SQUARE ROOT
LINEARIZATION
POWER COMPUTATION
ANALOG SIGNAL PROCESSING
ALGEBRAIC COMPUTATION
TRUE RMS-TO-DC CONVERSION

DESCRIPTION
The MPY100 multiplier-divider is a low cost precision
device designed for general purpose application.
In addition to four-quadrant multiplication, it also
performs analog square root and division without the
bother of external amplifiers or potentiometers. Lasertrimmed
one-chip design offers the most in highly
reliable operation with guaranteed accuracies.
Because of the internal reference and pretrimmed
accuracies the MPY100 does not have the restrictions
of other low cost multipliers. It is available in both
TO-100 and DIP ceramic packages.




Similar Part No. - MPY100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPY100 BURR-BROWN-MPY100 Datasheet
159Kb / 12P
MULTIPLIER-DIVIDER
MPY100A BURR-BROWN-MPY100A Datasheet
159Kb / 12P
MULTIPLIER-DIVIDER
MPY100AG BURR-BROWN-MPY100AG Datasheet
159Kb / 12P
MULTIPLIER-DIVIDER
MPY100AM BURR-BROWN-MPY100AM Datasheet
159Kb / 12P
MULTIPLIER-DIVIDER
MPY100B BURR-BROWN-MPY100B Datasheet
159Kb / 12P
MULTIPLIER-DIVIDER
More results


Similar Description - MPY100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD539 AD-AD539 Datasheet
637Kb / 8P
Wideband Dual-Channel Linear Multiplier/Divider
AD734 AD-AD734 Datasheet
213Kb / 12P
10 MHz, 4-Quadrant Multiplier/Divider
REV.C
logo
Burr-Brown (TI)
MPY100 BURR-BROWN-MPY100 Datasheet
159Kb / 12P
MULTIPLIER-DIVIDER
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
MULTIPLIER-DIVIDER
logo
List of Unclassifed Man...
429A ETC1-429A Datasheet
60Kb / 1P
Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Analog Devices
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD539 AD-AD539_15 Datasheet
570Kb / 21P
Wideband Dual-Channel Linear Multiplier/Divider
REV. B
AD734 AD-AD734_15 Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com