Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC507AUG4 Datasheet (PDF) - Texas Instruments

MPC507AUG4 Datasheet PDF - Texas Instruments
Part # MPC507AUG4
Download  MPC507AUG4 Download
File Size   511.91 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS

MPC507AUG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC507AUG4 Datasheet PDF - Texas Instruments

Part # MPC507AUG4
Download  MPC507AUG4 Click to download

File Size   511.91 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS

MPC507AUG4 Datasheet (HTML) - Texas Instruments


MPC507AUG4 Product details

FEATURES
ANALOG OVERVOLTAGE PROTECTION: 70VPP
NO CHANNEL INTERACTION DURING
OVERVOLTAGE
BREAK-BEFORE-MAKE SWITCHING
ANALOG SIGNAL RANGE: ±15V
STANDBY POWER: 7.5mW typ
TRUE SECOND SOURCE

DESCRIPTION
The MPC506A is a 16-channel single-ended analog multiplexer,
and the MPC507A is an 8-channel differential multiplexer.
The MPC506A and MPC507A multiplexers have input overvoltage
protection. Analog input voltages may exceed either
power supply voltage without damaging the device or disturbing
the signal path of other channels. The protection
circuitry assures that signal fidelity is maintained even under
fault conditions that would destroy other multiplexers. Analog
inputs can withstand 70VPP signal levels and standard ESD
tests. Signal sources are protected from short circuits should
multiplexer power loss occur; each input presents a 1kΩ
resistance under this condition. Digital inputs can also sustain
continuous faults up to 4V greater than either supply
voltage.
These features make the MPC506A and MPC507A ideal for
use in systems where the analog signals originate from
external equipment or separately powered sources.
The MPC506A and MPC507A are fabricated with Burr-
Brown’s dielectrically isolated CMOS technology. The multiplexers
are available in plastic DIP and plastic SOIC packages.
Temperature range is –40/+85°C.




Similar Part No. - MPC507AUG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC507AUG4 TI-MPC507AUG4 Datasheet
754Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
MPC507AUG4 TI2-MPC507AUG4 Datasheet
511Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
REVISED OCTOBER 2003
More results


Similar Description - MPC507AUG4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
March 13, 2006
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com