Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4043G Datasheet (PDF) - TT Electronics.

SW4043G Datasheet PDF - TT Electronics.
Part # SW4043G
Download  SW4043G Download
File Size   312.56 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DESKTOP POWER SUPPLY 12VDC 192WATT

SW4043G Datasheet (PDF)

Go To PDF Page Download Datasheet
SW4043G Datasheet PDF - TT Electronics.

Part # SW4043G
Download  SW4043G Click to download

File Size   312.56 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DESKTOP POWER SUPPLY 12VDC 192WATT

SW4043G Datasheet (HTML) - TT Electronics.


SW4043G Product details

Features:
• Universal Input
• IEC-320-C14 Input Connector
• 3 Year Warranty
• Efficiency Level VI
• Safety approved to: UL,CUL,FCC,GS,CE,RCM
Description:
Our Range of 192 watt AC/DC switch mode power supplies provide 192watts of continuous output power in a high quality compact enclosure suitable for many general power applications.




Similar Part No. - SW4043G

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW404 BOWEI-SW404 Datasheet
252Kb / 1P
4-SPST Switches
logo
TT Electronics.
SW4044F TTELEC-SW4044F Datasheet
282Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 200WATT
01/06/2020
SW4047-C2 TTELEC-SW4047-C2 Datasheet
355Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 24WATT
12/01/2021
SW4047F TTELEC-SW4047F Datasheet
367Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 24WATT
12/12/2022
More results


Similar Description - SW4043G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com