Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4321B Datasheet (PDF) - TT Electronics.

SW4321B Datasheet PDF - TT Electronics.
Part # SW4321B
Download  SW4321B Download
File Size   387.16 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INTERCHANGEABLE WALL PLUG POWER SUPPLY 48VDC 24WATT

SW4321B Datasheet (PDF)

Go To PDF Page Download Datasheet
SW4321B Datasheet PDF - TT Electronics.

Part # SW4321B
Download  SW4321B Click to download

File Size   387.16 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INTERCHANGEABLE WALL PLUG POWER SUPPLY 48VDC 24WATT

SW4321B Datasheet (HTML) - TT Electronics.


SW4321B Product details

Features:
• Interchangeable AC Heads
• 1 Year Warranty
• Level VI Efficiency
• Worldwide Approvals
• Safety approved to: UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our range of 24 Watt Interchangeable wall plug power supplies provide 24 Watts of continuous power with the flexibility of worldwide usage as they are supplied with UK, Euro, USA & Auz AC Heads , all Efficiency Level VI and carry worldwide safety approvals.




Similar Part No. - SW4321B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4322-E TTELEC-SW4322-E Datasheet
340Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 9VDC 36WATT
17/06/2020
SW4323B TTELEC-SW4323B Datasheet
368Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 15VDC 50WATT
22/05/2020
SW4324-C TTELEC-SW4324-C Datasheet
242Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 18VDC 65WATT
22/05/2020
SW4325C TTELEC-SW4325C Datasheet
242Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 20VDC 65WATT
22/05/2020
SW4326B TTELEC-SW4326B Datasheet
312Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 50WATT
22/05/2020
More results


Similar Description - SW4321B

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-13 TRIAD-WSX120-2000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-R13 TRIAD-WSX120-2000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-R13 TRIAD-WSX150-1600-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com