Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380 Datasheet (PDF) - PANAVISE PRODUCTS, INC.

380 Datasheet PDF - PANAVISE PRODUCTS, INC.
Part # 380
Download  380 Download
File Size   1240.89 Kbytes
Page   8 Pages
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.
Description Precision Vise Combinations

380 Datasheet (PDF)

Go To PDF Page Download Datasheet
380 Datasheet PDF - PANAVISE PRODUCTS, INC.

Part # 380
Download  380 Click to download

File Size   1240.89 Kbytes
Page   8 Pages
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.
Description Precision Vise Combinations

380 Datasheet (HTML) - PANAVISE PRODUCTS, INC.


380 Product details

Model 201 Features:
> The easy-to-use single knob controls head movement through 3-planes:
210° Tilt, 360° Turn & 360° Rotation
> Fine/coarse adjusting knob controls jaw pressure for delicate work
> Grooved jaws are excellent for holding small objects and are made of reinforced thermal
composite plastic [continuous heat tolerance to 350°F (177°C), intermittent heat up to
450°F (204°C)]
> Jaws are 2” (50.8mm) tall, 1” (25.4mm) wide, and open to 2.875” (73mm)
Neoprene jaw pads are available (page 22) for holding extremely delicate items
> Base features 4.3125” (109.5mm) bolt circle countersunk for three 1/4” (6.3mm)
flat-head screws (not included); compatible with all PanaVise Base Mounts (pages 14-15)
> Height: 6.75” (173mm), Weight: 1.2 lbs. (0.6kg)




Similar Part No. - 380

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
380 INTEL-380 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
France Joint
380 FRANCEJOINT-380 Datasheet
355Kb / 2P
ROD SEALS
logo
Honeywell Solid State E...
380 HONEYWELL-380 Datasheet
1Mb / 7P
Series 380, 53/RV4, 485 2 Watt, Conductive Plastic Potentiometer
logo
Keystone Electronics Co...
380 KEYSTONE-380 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Veris. All Rights Reser...
380 VERIS-380 Datasheet
592Kb / 2P
Calculates Energy
More results


Similar Description - 380

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
0609-0754 CHERRY-0609-0754 Datasheet
6Mb / 8P
Assemblies and combinations
0609-1346 CHERRY-0609-1346 Datasheet
6Mb / 8P
Assemblies and combinations
0609-1347 CHERRY-0609-1347 Datasheet
6Mb / 8P
Assemblies and combinations
06090760 CHERRY-06090760 Datasheet
6Mb / 8P
Assemblies and combinations
06090799 CHERRY-06090799 Datasheet
6Mb / 8P
Assemblies and combinations
06090801 CHERRY-06090801 Datasheet
6Mb / 8P
Assemblies and combinations
06090803 CHERRY-06090803 Datasheet
6Mb / 8P
Assemblies and combinations
06091348 CHERRY-06091348 Datasheet
6Mb / 8P
Assemblies and combinations
logo
P-tec Corporation
PL83-WDRG2115 P-TEC-PL83-WDRG2115 Datasheet
76Kb / 1P
Multi-Color combinations
logo
SparkFun Electronics
TOL-14792 SPARKFUN-TOL-14792 Datasheet
75Kb / 1P
Nomad Low Profile Vise
6??5??8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com