Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ONET8501TYS Datasheet (PDF) - Texas Instruments

ONET8501TYS Datasheet PDF - Texas Instruments
Part # ONET8501TYS
Download  ONET8501TYS Download
File Size   396.51 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 11.3 Gbps Limiting Transimpedance Amplifier With RSSI

ONET8501TYS Datasheet (PDF)

Go To PDF Page Download Datasheet
ONET8501TYS Datasheet PDF - Texas Instruments

Part # ONET8501TYS
Download  ONET8501TYS Click to download

File Size   396.51 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 11.3 Gbps Limiting Transimpedance Amplifier With RSSI

ONET8501TYS Datasheet (HTML) - Texas Instruments


ONET8501TYS Product details

1FEATURES
• 10 GHz Bandwidth
• 7 kΩ Differential Small Signal Transimpedance
• 2.5 mAPP Input Overload Current
• Received Signal Strength Indication (RSSI)
• 100mW Typical Power Dissipation
• CML Data Outputs With On-Chip 50Ω
Back-Termination
• On Chip Supply Filter Capacitor
• Single 3.3V Supply
• Die Size: 940 × 1195 μm

APPLICATIONS
• SONET OC-192
• SFP+ Optical Receivers
• 10x Fibre Channel Optical Receivers
• 10G Ethernet Receivers
• PIN Preamplifier-Receivers
• APD Preamplifier Receivers

DESCRIPTION
The ONET8501T is a high-speed, high gain, limiting transimpedance amplifier used in optical receivers with data
rates up to 12.5Gbps. It features low input referred noise, 10GHz bandwidth, 7kΩ small signal transimpedance,
and a received signal strength indicator (RSSI).
The ONET8501T is available in die form, includes an on-chip VCC bypass capacitor and is optimized for
packaging in a TO can.
The ONET8501T requires a single 3.3V ±10% supply and its power efficient design typically dissipates less than
105mW. The device is characterized for operation from –40°C to 100°C case (IC back side) temperature.




Similar Part No. - ONET8501TYS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501TYS TI-ONET8501TYS Datasheet
396Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results


Similar Description - ONET8501TYS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com