Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2227-EP Datasheet (PDF) - Texas Instruments

OPA2227-EP Datasheet PDF - Texas Instruments
Part # OPA2227-EP
Download  OPA2227-EP Download
File Size   551.89 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER

OPA2227-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2227-EP Datasheet PDF - Texas Instruments

Part # OPA2227-EP
Download  OPA2227-EP Click to download

File Size   551.89 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER

OPA2227-EP Datasheet (HTML) - Texas Instruments


OPA2227-EP Product details

1FEATURES
• Low Noise: 3 nV/√Hz
• Wide Bandwidth: 8 MHz, 2.3 V/μs
• Settling Time: 5 μs
• High CMRR: 138 dB (Typical)
• High Open-Loop Gain: 160 dB (Typical)
• Low Input Bias Current: 10 nA Maximum at
25°C
• Low Offset Voltage: 100 μV Maximum at 25°C
• Wide Supply Range: ±2.5 V to ±18 V

APPLICATIONS
• Data Acquisition
• Telecom Equipment
• Geophysical Analysis
• Vibration Analysis
• Spectral Analysis
• Professional Audio Equipment
• Active Filters
• Power Supply Control

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly and Test Site
• One Fabrication Site
• Available in Military (–55°C to 125°C)
Temperature Range (1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability

DESCRIPTION
The OPA2227 operational amplifier combines low noise and wide bandwidth with high precision to make it the
ideal choice for applications requiring both ac and precision dc performance.
The OPA2227 is unity-gain stable and features high slew rate (2.3 V/μs) and wide bandwidth (8 MHz).
The OPA2227 operational amplifier is ideal for professional audio equipment. In addition, low quiescent current
and low cost make them ideal for portable applications requiring high precision.
The OPA2227 operational amplifier is a pin-for-pin replacement for the industry standard OP-27 with substantial
improvements across the board. The dual and quad versions are available for space savings and perchannel
cost reduction.
The OPA2227 is available in an SOIC-8 package. Operation is specified from –55°C to 125°C.




Similar Part No. - OPA2227-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2227-EP TI1-OPA2227-EP Datasheet
715Kb / 23P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
OPA2227-EP TI1-OPA2227-EP Datasheet
888Kb / 23P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
OPA2227-EP TI2-OPA2227-EP Datasheet
1Mb / 50P
OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
REVISED MARCH 2023
OPA2227-EP TI1-OPA2227-EP_13 Datasheet
888Kb / 23P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
More results


Similar Description - OPA2227-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Texas Instruments
OPA2227-EP TI1-OPA2227-EP Datasheet
715Kb / 23P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA2277-EP TI1-OPA2277-EP_16 Datasheet
978Kb / 24P
High-Precision, Low-Noise Operational Amplifier
OPA2227-EP TI1-OPA2227-EP_13 Datasheet
888Kb / 23P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com