Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2544 Datasheet (PDF) - Texas Instruments

OPA2544 Datasheet PDF - Texas Instruments
Part # OPA2544
Download  OPA2544 Download
File Size   175.43 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER

OPA2544 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2544 Datasheet PDF - Texas Instruments

Part # OPA2544
Download  OPA2544 Click to download

File Size   175.43 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER

OPA2544 Datasheet (HTML) - Texas Instruments


OPA2544 Product details

FEATURES
HIGH OUTPUT CURRENT: 2A min
WIDE POWER SUPPLY RANGE:
±10V to ±35V
SLEW RATE: 8V/ms
INTERNAL CURRENT LIMIT
THERMAL SHUTDOWN PROTECTION
FET INPUT: IB = 50pA max
11-LEAD PLASTIC PACKAGE

APPLICATIONS
MOTOR DRIVER
PROGRAMMABLE POWER SUPPLY
SERVO AMPLIFIER
VALVES, ACTUATOR DRIVER
MAGNETIC DEFLECTION COIL DRIVER
AUDIO AMPLIFIER

DESCRIPTION
The OPA2544 is a dual high-voltage/high-current operational
amplifier suitable for driving a wide variety
of high power loads. It provides 2A output current and
power supply voltage range extends to ±35V.
The OPA2544 integrates two high performance FET
op amps with high power output stages on a single
monolithic chip. Internal current limit and thermal
shutdown protect the amplifier and load from damage.
The OPA2544 is available in a 11-lead plastic
packages and is specified for the –40°C to +85°C
temperature range.




Similar Part No. - OPA2544

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2544 TI1-OPA2544 Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2544T BURR-BROWN-OPA2544T Datasheet
101Kb / 8P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2544T TI1-OPA2544T Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
OPA2544TG3 TI1-OPA2544TG3 Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results


Similar Description - OPA2544

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
186HU ETC1-186HU Datasheet
382Kb / 6P
DUAL HIGH VOLTAGE/VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK182 MSK-MSK182 Datasheet
480Kb / 8P
DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
MSK186 MSK-MSK186 Datasheet
621Kb / 6P
DUAL HIGH VOLTAGE/ VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_09 Datasheet
250Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
3308 UTC-3308_15 Datasheet
253Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2544 TI1-OPA2544 Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com