Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2684 Datasheet (PDF) - Texas Instruments

OPA2684 Datasheet PDF - Texas Instruments
Part # OPA2684
Download  OPA2684 Download
File Size   555.33 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Wideband, Low-Power, Current Feedback Operational Amplifier

OPA2684 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2684 Datasheet PDF - Texas Instruments

Part # OPA2684
Download  OPA2684 Click to download

File Size   555.33 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Wideband, Low-Power, Current Feedback Operational Amplifier

OPA2684 Datasheet (HTML) - Texas Instruments


OPA2684 Product details

FEATURES
UNITY GAIN STABLE BANDWIDTH: 1500MHz
HIGH GAIN OF 2V/V BANDWIDTH: 690MHz
LOW SUPPLY CURRENT: 5.8mA/ch
HIGH SLEW RATE: 1700V/μs
HIGH FULL-POWER BANDWIDTH: 670MHz
LOW DIFFERENTIAL GAIN/PHASE:
0.03%/0.015

APPLICATIONS
MEDICAL IMAGING
WIDEBAND VIDEO LINE DRIVER
DIFFERENTIAL RECEIVER
ADC DRIVER
HIGH-SPEED SIGNAL PROCESSING
PULSE AMPLIFIER
IMPROVED REPLACEMENT FOR OPA2658

DESCRIPTION
The OPA2694 is a dual, ultra-wideband, low-power, current
feedback operational amplifier f eaturing high slew rate and
low differential gain/phase errors. An improved output stage
provides ±70mA output drive with < 1.5V output voltage
headroom. Low supply current with > 500MHz bandwidth
meets the requirements of high density video routers. Being
a current feedback design, the OPA2694 holds its bandwidth
to very high gains—at a gain of 10, the OPA2694 will still
provide > 200MHz bandwidth.
RF applications can use the OPA2694 as a low-power SAW
pre-amplifier. Extremely high 3rd-order intercept is provided
through 70MHz at much lower quiescent power than many
typical RF amplifiers.
The OPA2694 is available in an industry-standard pinout in
an SO-8 package.




Similar Part No. - OPA2684

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2684 BURR-BROWN-OPA2684 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2684 BURR-BROWN-OPA2684 Datasheet
455Kb / 26P
Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
OPA2684 BURR-BROWN-OPA2684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2684 TI-OPA2684 Datasheet
966Kb / 33P
MINIMAL BANDWIDTH CHANGE VERSUS GAIN, 170MHz BANDWIDTH AT G = 2
OPA2684 TI2-OPA2684 Datasheet
846Kb / 35P
Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
REVISED JULY 2008
More results


Similar Description - OPA2684

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com