Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA875 Datasheet (PDF) - Texas Instruments

OPA875 Datasheet PDF - Texas Instruments
Part # OPA875
Download  OPA875 Download
File Size   764.64 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple 2:1 High-Speed Video Multiplexer

OPA875 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA875 Datasheet PDF - Texas Instruments

Part # OPA875
Download  OPA875 Click to download

File Size   764.64 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple 2:1 High-Speed Video Multiplexer

OPA875 Datasheet (HTML) - Texas Instruments


OPA875 Product details

1FEATURES
2· 700MHz SMALL-SIGNAL BANDWIDTH
(AV = +2)
· 425MHz, 4VPP BANDWIDTH
· 0.1dB GAIN FLATNESS to 150MHz
· 4ns CHANNEL SWITCHING TIME
· LOW SWITCHING GLITCH: 40mVPP
· 3100V/ms SLEW RATE
· 0.025%/0.025° DIFFERENTIAL GAIN, PHASE
· HIGH GAIN ACCURACY: 2.0V/V ±0.4%

APPLICATIONS
· RGB SWITCHING
· LCD PROJECTOR INPUT SELECT
· WORKSTATION GRAPHICS
· TRIPLE ADC INPUT MUX
· DROP-IN UPGRADE TO LT1675

DESCRIPTION
The OPA3875 offers a very wideband, 3-channel, 2:1
multiplexer in a small SSOP-16 package. Using only
11mA/ch, the OPA3875 provides three, gain of +2,
video amplifier channels with greater than 400MHz large-signal bandwidth (4VPP). Gain accuracy and
switching glitch are improved over earlier solutions
using a new (patented) input stage switching
approach. This technique uses current steering as the input switch while maintaining an overall closed-loop
design. Gain matching between each of the
3-channel pairs is also significantly improved using
this technique (<0.2% gain mismatch). With greater
than 700MHz small-signal bandwidth at a gain of 2,
the OPA3875 gives a typical 0.1dB gain flatness to greater than 150MHz.
System power may be reduced using the chip enable
feature for the OPA3875. Taking the chip enable line high powers down the OPA3875 to less than 900mA
total supply current. Muxing multiple OPA3875
outputs together, then using the chip enable to select
which channels are active, increases the number of
possible inputs to the 3-channel outputs.
Where a single channel of the OPA3875 is required,
consider the OPA875.




Similar Part No. - OPA875

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI2-OPA875 Datasheet
791Kb / 27P
Single 2:1 High-Speed Video Multiplexer
REVISED AUGUST 2008
logo
KODENSHI_AUK CORP.
OPA8750T KODENSHI-OPA8750T Datasheet
99Kb / 1P
Infrared LED Chip
More results


Similar Description - OPA875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com