Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA4872 Datasheet (PDF) - Texas Instruments

OPA4872 Datasheet PDF - Texas Instruments
Part # OPA4872
Download  OPA4872 Download
File Size   653.29 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4:1 High-Speed Multiplexer

OPA4872 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4872 Datasheet PDF - Texas Instruments

Part # OPA4872
Download  OPA4872 Click to download

File Size   653.29 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4:1 High-Speed Multiplexer

OPA4872 Datasheet (HTML) - Texas Instruments


OPA4872 Product details

1FEATURES
2• 500MHz SMALL-SIGNAL BANDWIDTH
• 500MHz, 2VPP BANDWIDTH
• 0.1dB GAIN FLATNESS to 120MHz
• 10ns CHANNEL SWITCHING TIME
• LOW SWITCHING GLITCH: 40mV PP
• 2300V/μs SLEW RATE
• 0.035%/0.005° DIFFERENTIAL GAIN, PHASE
• QUIESCENT CURRENT = 10.6mA
• 1.1mA QUIESCENT CURRENT IN SHUTDOWN
MODE
• 88dB OFF ISOLATION IN DISABLE OR
SHUTDOWN (10MHz)

APPLICATIONS
• VIDEO ROUTER
• LCD AND PLASMA DISPLAY
• HIGH SPEED PGA
• DROP-IN UPGRADE TO AD8174

DESCRIPTION
The OPA4872 offers a very wideband 4:1 multiplexer
in an SO-14 package. Using only 10.6mA, the
OPA4872 provides a user-settable output amplifier
gain with greater than 500MHz large-signal
bandwidth (2VPP). The switching glitch is improved
over earlier solutions using a new (patented) input
stage switching approach. This technique uses
current steering as the input switch while maintaining
an overall closed-loop design. The OPA4872 exhibits
an off isolation of 88dB in either Disable or Shutdown
mode. With greater than 500MHz small-signal
bandwidth at a gain of 2, the OPA4872 gives a typical
0.1dB gain flatness to greater than 120MHz.
System power may be optimized using the chip
enable feature for the OPA4872. Taking the chip
enable (EN) line high powers down the OPA4872 to
less than 3.4mA total supply current. Further power
reduction to 1.1mA quiescent current can be
achieved by bringing the shutdown (SD) line high. Muxing multiple OPA4872s outputs together, then
using the chip enable to select which channels are
active, increases the number of possible inputs.




Similar Part No. - OPA4872

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4872 BURR-BROWN-OPA4872 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
4:1 High-Speed Multiplexer
OPA4872 TI2-OPA4872 Datasheet
764Kb / 26P
Triple 2:1 High-Speed Video Multiplexer
REVISED AUGUST 2008
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
4:1 HIGH-SPEED MULTIPLEXER
OPA4872-EP TI1-OPA4872-EP Datasheet
1,011Kb / 25P
4:1 HIGH-SPEED MULTIPLEXER
More results


Similar Description - OPA4872

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
High-Speed 4:1 Analog Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
4:1 High-Speed Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
4:1 HIGH-SPEED MULTIPLEXER
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
NOVEMBER 2002
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
4:1 High-Speed Multiplexer
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
4:1 HIGH-SPEED MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com