Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA602 Datasheet (PDF) - Texas Instruments

OPA602 Datasheet PDF - Texas Instruments
Part # OPA602
Download  OPA602 Download
File Size   337.24 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed Precision Difet ® OPERATIONAL AMPLIFIER

OPA602 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA602 Datasheet PDF - Texas Instruments

Part # OPA602
Download  OPA602 Click to download

File Size   337.24 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed Precision Difet ® OPERATIONAL AMPLIFIER

OPA602 Datasheet (HTML) - Texas Instruments


OPA602 Product details

FEATURES
WIDE BANDWIDTH: 6.5MHz
HIGH SLEW RATE: 35V/μs
LOW OFFSET: ±250μV max
LOW BIAS CURRENT: ±1pA max
FAST SETTLING TIME: 1μs to 0.01%
UNITY-GAIN STABLE

APPLICATIONS
PRECISION INSTRUMENTATION
OPTOELECTRONICS
SONAR, ULTRASOUND
PROFESSIONAL AUDIO EQUIPMENT
MEDICAL EQUIPMENT
DATA CONVERSION

Difet® Burr-Brown Corp.
DESCRIPTION
The OPA602 is a precision, wide bandwidth FET operational
amplifier. Monolithic Difet (dielectrically isolated FET) construction
provides an unusual combination of high-speed and
accuracy.
Its wide-bandwidth design minimizes dynamic errors. High
slew rate and fast settling time allow accurate signal processing
in pulse and data conversion applications. Wide bandwidth
and low distortion minimize AC errors. All specifications
are rated with a 1kΩ resistor in parallel with 500pF load. The
OPA602 is unity-gain stable and easily drives capacitive
loads up to 1500pF.
Laser-trimmed input circuitry provides offset voltage and drift
performance normally associated with precision bipolar op
amps. Difet construction achieves extremely low input bias
currents (1pA max) without compromising input voltage noise.
The OPA602’s unique input cascode circuitry maintains low
input bias current and precise input characteristics over its
full input common-mode voltage range.




Similar Part No. - OPA602

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602AM BURR-BROWN-OPA602AM Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602AM TI-OPA602AM Datasheet
405Kb / 15P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602AM2 TI-OPA602AM2 Datasheet
405Kb / 15P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA602AP BURR-BROWN-OPA602AP Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
More results


Similar Description - OPA602

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
Precision High-Speed Difet Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com