Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA452 Datasheet (PDF) - Texas Instruments

OPA452 Datasheet PDF - Texas Instruments
Part # OPA452
Download  OPA452 Download
File Size   450.16 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 80V, 50mA OPERATIONAL AMPLIFIERS

OPA452 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA452 Datasheet PDF - Texas Instruments

Part # OPA452
Download  OPA452 Click to download

File Size   450.16 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 80V, 50mA OPERATIONAL AMPLIFIERS

OPA452 Datasheet (HTML) - Texas Instruments


OPA452 Product details

FEATURES
WIDE POWER-SUPPLY RANGE:
±10V to ±40V
HIGH OUTPUT LOAD DRIVE:
50mA Continuous
WIDE OUTPUT VOLTAGE SWING: 1V to Rail
FULLY PROTECTED:
Thermal Shutdown
Output Current-Limited
WIDE OPERATING TEMPERATURE RANGE:
–40°C TO +125°C
PACKAGE OPTIONS:
TO220-7
DDPACK-7 Surface-Mount

APPLICATIONS
PIEZOELECTRIC CELLS
TEST EQUIPMENT
AUDIO AMPLIFIERS
TRANSDUCER DRIVERS
SERVO DRIVERS

DESCRIPTION
The OPA452 and OPA453 are low-cost operational amplifiers
with high-voltage (80V) and high-current capabilities
(50mA). The OPA452 is unity-gain stable and has a gain
bandwidth product of 1.8MHz, whereas the OPA453 is optimized
for gains greater than 5 and has a 7.5MHz bandwidth.
The OPA452 and OPA453 are internally protected against
over-temperature conditions and current overloads. Power
supplies in the range of ±10V to ±40V can be used. Unlike
most other power op amps, the OPA452 and OPA453 have
ensured specifications over the entire power-supply range.
These laser-trimmed, monolithic integrated circuits provide
excellent low-level accuracy along with wide output swing.
Special design considerations assure that the product is
easy to use and free from phase inversion problems often
found in other amplifiers.
The OPA452 and OPA453 are available in TO220-7 and
DDPAK-7 options. They are specified for a junction temperature
range of –40°C to +125°C.




Similar Part No. - OPA452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA452 TI-OPA452 Datasheet
335Kb / 17P
80V, 50mA OPERATIONAL AMPLIFIERS
OPA452 TI-OPA452 Datasheet
1Mb / 36P
High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA452 TI1-OPA452 Datasheet
924Kb / 21P
80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FA TI-OPA452FA Datasheet
335Kb / 17P
80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FA TI1-OPA452FA Datasheet
924Kb / 21P
80V, 50mA OPERATIONAL AMPLIFIERS
More results


Similar Description - OPA452

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Texas Instruments
OPA452 TI-OPA452 Datasheet
335Kb / 17P
80V, 50mA OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
logo
Texas Instruments
OPA454 TI-OPA454 Datasheet
1Mb / 36P
High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
OPA452 TI1-OPA452_13 Datasheet
924Kb / 21P
80V, 50mA OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com