Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA699M Datasheet (PDF) - Texas Instruments

OPA699M Datasheet PDF - Texas Instruments
Part # OPA699M
Download  OPA699M Download
File Size   704.06 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, High Gain VOLTAGE LIMITING AMPLIFIER

OPA699M Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA699M Datasheet PDF - Texas Instruments

Part # OPA699M
Download  OPA699M Click to download

File Size   704.06 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, High Gain VOLTAGE LIMITING AMPLIFIER

OPA699M Datasheet (HTML) - Texas Instruments


OPA699M Product details

FEATURES
HIGH LINEARITY NEAR LIMITING
FAST RECOVERY FROM OVERDRIVE: 1ns
LIMITING VOLTAGE ACCURACY: ±10mV
–3dB BANDWIDTH (G = +6): 260MHz
GAIN BANDWIDTH PRODUCT: 1000MHz
STABLE FOR G ≥ +4V/V
SLEW RATE: 1400V/μs
±5V AND +5V SUPPLY OPERATION
LOW GAIN VERSION: OPA698

APPLICATIONS
TRANSIMPEDANCE WITH FAST
OVERDRIVE RECOVERY
FAST LIMITING ADC INPUT DRIVER
LOW PROP DELAY COMPARATOR
NONLINEAR ANALOG SIGNAL
PROCESSING
DIFFERENCE AMPLIFIER
IF LIMITING AMPLIFIER
OPA689 UPGRADE

DESCRIPTION
The OPA699 is a wideband, voltage-feedback op amp that
offers bipolar output voltage limiting, and is stable for gains
≥ +4. Two buffered limiting voltages take control of the output
when it attempts to drive beyond these limits. This new
output limiting architecture holds the limiter offset error to
±10mV. The op amp operates linearly to within 20mV of the
limits.
The combination of narrow nonlinear range and low limiting
offset allows the limiting voltages to be set within 100mV of
the desired linear output range. A fast 1ns recovery from
limiting ensures that overdrive signals will be transparent to
the signal channel. Implementing the limiting function at the
output, as opposed to the input, gives the specified limiting
accuracy for any gain, and allows the OPA699 to be used in
all standard op amp applications.
Nonlinear analog signal processing circuits will benefit from
the OPA699 sharp transition from linear operation to output
limiting. The quick recovery time supports high-speed applications.
The OPA699 is available in an industry-standard pinout in an
SO-8 package. For lower gain applications requiring output
limiting with fast recovery, consider the OPA698.




Similar Part No. - OPA699M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA699M TI-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI2-OPA699M Datasheet
588Kb / 34P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
REVISED MARCH 2006
OPA699MJD TI-OPA699MJD Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699MJD TI1-OPA699MJD Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Similar Description - OPA699M

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA689 BURR-BROWN-OPA689 Datasheet
175Kb / 16P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699 BURR-BROWN-OPA699 Datasheet
461Kb / 25P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698M TI-OPA698M Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA689 TI1-OPA689 Datasheet
306Kb / 20P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699 TI1-OPA699_14 Datasheet
1Mb / 31P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699IDG4 TI1-OPA699IDG4 Datasheet
1Mb / 31P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com