Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA342NA Datasheet (PDF) - Texas Instruments

OPA342NA Datasheet PDF - Texas Instruments
Part # OPA342NA
Download  OPA342NA Download
File Size   441.63 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series

OPA342NA Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA342NA Datasheet PDF - Texas Instruments

Part # OPA342NA
Download  OPA342NA Click to download

File Size   441.63 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series

OPA342NA Datasheet (HTML) - Texas Instruments


OPA342NA Product details

FEATURES
LOW QUIESCENT CURRENT: 150μA typ
RAIL-TO-RAIL INPUT
RAIL-TO-RAIL OUTPUT (within 1mV)
SINGLE SUPPLY CAPABILITY
LOW COST
MicroSIZE PACKAGE OPTIONS:
SOT23-5
MSOP-8
TSSOP-14
BANDWIDTH: 1MHz
SLEW RATE: 1V/μs
THD + NOISE: 0.006%

APPLICATIONS
COMMUNICATIONS
PCMCIA CARDS
DATA ACQUISITION
PROCESS CONTROL
AUDIO PROCESSING
ACTIVE FILTERS
TEST EQUIPMENT
CONSUMER ELECTRONICS

DESCRIPTION
The OPA342 series rail-to-rail CMOS operational
amplifiers are designed for low-cost, low-power, miniature
applications. They are optimized to operate on
a single supply as low as 2.5V with an input commonmode
voltage range that extends 300mV beyond the
supplies.
Rail-to-rail input/output and high-speed operation make
them ideal for driving sampling Analog-to-Digital Converters
(ADC). They are also well suited for generalpurpose
and audio applications and providing I/V conversion
at the output of Digital-to-Analog Converters
(DAC). Single, dual, and quad versions have identical
specs for design flexibility.
The OPA342 series offers excellent dynamic response
with a quiescent current of only 250μA max. Dual and
quad designs feature completely independent circuitry
for lowest crosstalk and freedom from interaction.




Similar Part No. - OPA342NA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA342NA BURR-BROWN-OPA342NA Datasheet
234Kb / 10P
Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA342NA/250 TI1-OPA342NA/250 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA342NA/250G4 TI1-OPA342NA/250G4 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA342NA/3K TI1-OPA342NA/3K Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA342NA/3KG4 TI1-OPA342NA/3KG4 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results


Similar Description - OPA342NA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
Low cost,low power,input/output rail-to-rail operational amplifiers
18-Jan-2010
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com