Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA3832 Datasheet (PDF) - Texas Instruments

OPA3832 Datasheet PDF - Texas Instruments
Part # OPA3832
Download  OPA3832 Download
File Size   745.68 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier

OPA3832 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA3832 Datasheet PDF - Texas Instruments

Part # OPA3832
Download  OPA3832 Click to download

File Size   745.68 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier

OPA3832 Datasheet (HTML) - Texas Instruments


OPA3832 Product details

FEATURES
HIGH BANDWIDTH: 80MHz (G = +2)
LOW SUPPLY CURRENT: 3.9mA
FLEXIBLE SUPPLY RANGE:
+2.8V to +11V Single Supply
±1.4V to ±5.5V Dual Supply
INPUT RANGE INCLUDES GROUND ON
SINGLE SUPPLY
4.9VPP OUTPUT SWING ON +5V SUPPLY
HIGH SLEW RATE: 350V/μsec
LOW INPUT VOLTAGE NOISE: 9.3nV/√Hz
Pb-FREE SOT23 PACKAGE

APPLICATIONS
SINGLE-SUPPLY VIDEO LINE DRIVERS
CCD IMAGING CHANNELS
LOW-POWER ULTRASOUND
PORTABLE CONSUMER ELECTRONICS

DESCRIPTION
The OPA832 is a low-power, high-speed, fixed-gain
amplifier designed to operate on a single +3.3V or +5V
supply. Operation on ±5V or +10V supplies is also supported.
The input range extends below ground and to
within 1V of the positive supply. Using complementary
common-emitter outputs provides an output swing to
within 30mV of ground and 130mV of the positive supply.
The high output drive current and low differential
gain and phase errors also make it ideal for single-supply
consumer video products.
Low distortion operation is ensured by the high gain
bandwidth product (200MHz) and slew rate (850V/μs),
making the OPA832 an ideal input buffer stage to 3V
and 5V CMOS converters. Unlike other low-power,
single-supply amplifiers, distortion performance improves
as the signal swing is decreased. A low 9.3nV/√
Hz input voltage noise supports wide dynamic range operation.
The OPA832 is available in an industry-standard SO-8
package. The OPA832 is also available in an ultra-small
SOT23-5 package. For gains other than +1, −1, or +2,
consider using the OPA830.




Similar Part No. - OPA3832

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3832 BURR-BROWN-OPA3832 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA3832 BURR-BROWN-OPA3832 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA3832 TI-OPA3832 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA3832 TI2-OPA3832 Datasheet
895Kb / 36P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
REVISED AUGUST 2008
OPA3832 TI2-OPA3832 Datasheet
871Kb / 40P
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
REVISED AUGUST 2008
More results


Similar Description - OPA3832

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA832 BURR-BROWN-OPA832 Datasheet
471Kb / 26P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
National Semiconductor ...
OPA832 NSC-OPA832 Datasheet
750Kb / 30P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
logo
Texas Instruments
OPA832 TI1-OPA832 Datasheet
753Kb / 30P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA832 TI1-OPA832_15 Datasheet
755Kb / 30P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com