Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609A Datasheet (PDF) - Texas Instruments

PCM1609A Datasheet PDF - Texas Instruments
Part # PCM1609A
Download  PCM1609A Download
File Size   568.04 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER

PCM1609A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1609A Datasheet PDF - Texas Instruments

Part # PCM1609A
Download  PCM1609A Click to download

File Size   568.04 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER

PCM1609A Datasheet (HTML) - Texas Instruments


PCM1609A Product details

1FEATURES
23· 24-Bit Resolution
· Analog Performance
– Dynamic Range: 105 dB Typical
– SNR: 105 dB Typical
– THD+N: 0.002% Typical
– Full-Scale Output: 3.1 Vp-p, Typical
· 4´/8´ Oversampling Interpolation Filter
– Stop-Band Attenuation: –55 dB
– Pass-Band Ripple: ±0.03 dB
· Sampling Frequency: 5 kHz to 200 kHz
· Accepts 16-, 18-, 20-, and 24-Bit Audio Data
· Data Formats: Standard, I2S, and Left-Justified
· System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
512 fS, or 768 fS
· User-Programmable Functions
– Digital Attenuation: 0 dB to –63 dB,
0.5 dB/Step
– Soft Mute
– Zero Flags Can Be Used as
General-Purpose Logic Output
– Digital De-Emphasis
– Digital Filter Rolloff: Sharp or Slow
· Dual-Supply Operation
– 5-V Analog
– 3.3-V Digital
· 5-V Tolerant Digital Logic Inputs
· Package: LQFP-48

APPLICATIONS
· Integrated A/V Receivers
· DVD Movie and Audio Players
· HDTV Receivers
· Car Audio Systems
· DVD Add-On Cards for High-End PCs
· Digital Audio Workstations
· Other Multichannel Audio Systems

DESCRIPTION
The PCM1609A is a CMOS, monolithic integrated
circuit that features eight 24-bit audio digital-to-analog
converters (DACs) and support circuitry in a small
LQFP-48 package. The DACs use Texas Instruments (TI) enhanced multilevel delta-sigma architecture that
employs fourth-order noise shaping and 8-level
amplitude quantization to achieve excellent
signal-to-noise performance and a high tolerance to
clock jitter.
The PCM1609A accepts industry-standard audio data
formats with 16- to 24-bit audio data. Sampling rates
up to 200 kHz are supported. A full set of
user-programmable functions is accessible through a
4-wire serial control port that supports register write
and read functions.




Similar Part No. - PCM1609A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1609APT TI-PCM1609APT Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1609APTG4 TI-PCM1609APTG4 Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1609APTR TI-PCM1609APTR Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1609APTRG4 TI-PCM1609APTRG4 Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - PCM1609A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com