Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1680DBQ Datasheet (PDF) - Texas Instruments

PCM1680DBQ Datasheet PDF - Texas Instruments
Part # PCM1680DBQ
Download  PCM1680DBQ Download
File Size   508.94 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter

PCM1680DBQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1680DBQ Datasheet PDF - Texas Instruments

Part # PCM1680DBQ
Download  PCM1680DBQ Click to download

File Size   508.94 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter

PCM1680DBQ Datasheet (HTML) - Texas Instruments


PCM1680DBQ Product details

1FEATURES
2345· 24-Bit Resolution
· Analog Performance:
– Dynamic Range: 105 dB Typical
– SNR: 105 dB Typical
– THD+N: 0.002% Typical
– Full-Scale Output: 3.9 V PP Typical
· 4x/8x Oversampling Interpolation Filter:
– Stop-Band Attenuation: –50 dB
– Passband Ripple: ±0.04 dB
· Sampling Frequency: 5 kHz to 200 kHz
· System Clock: 128 fS, 192 fS, 256 fS, 384 fS, 512
fS, 768 fS, or 1152 fS with Autodetect
· Zero Flags for Selectable Channel
Combinations
· Serial Port (SPI™/I2C™) for Mode Control
· User-Programmable Functions:
– Flexible Audio Data Formats
– Right-Justified, I2S™, and Left-Justified
– 16-, 18-, 20-, and 24-Bit Audio Data
– Digital Attenuation: Mode Selectable
– 0 dB to –63 dB, 0.5-dB/step
– 0 dB to –100 dB, 1-dB/step
– Soft Mute
– Digital De-Emphasis
– Digital Filter Roll-Off: Sharp or Slow
· Single Power-Supply Operation: 5-V Analog,
5-V Digital
· Package: SSOP-28 (150 mil)
· Pin-Compatible with PCM1780

APPLICATIONS
· Integrated A/V Receivers
· DVD Movie and Audio Players
· HDTV Receivers
· Car Audio Systems
· DVD Add-On Cards for High-End PCs
· Digital Audio Workstations
· Other Multichannel Audio Systems

DESCRIPTION
The PCM1680 is a CMOS, monolithic integrated
circuit which features eight 24-bit audio
digital-to-analog converters (DACs) and support
circuitry in a small SSOP-28. The DACs use TI's
enhanced multilevel delta-sigma (ΔΣ) architecture to achieve excellent signal-to-noise performance and a
high tolerance to clock jitter.
The PCM1680 accepts industry-standard audio data
formats with 16-bit to 24-bit audio data. Sampling
rates up to 200 kHz are supported. The PCM1680
provides a full set of user-programmable functions
through a serial control port, using an SPI or I2C
interface.




Similar Part No. - PCM1680DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1680DBQ TI-PCM1680DBQ Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680DBQ TI-PCM1680DBQ Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680DBQG4 TI-PCM1680DBQG4 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680DBQR TI-PCM1680DBQR Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680DBQR TI-PCM1680DBQR Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
More results


Similar Description - PCM1680DBQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com