Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1725 Datasheet (PDF) - Texas Instruments

PCM1725 Datasheet PDF - Texas Instruments
Part # PCM1725
Download  PCM1725 Download
File Size   228.96 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling

PCM1725 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1725 Datasheet PDF - Texas Instruments

Part # PCM1725
Download  PCM1725 Click to download

File Size   228.96 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling

PCM1725 Datasheet (HTML) - Texas Instruments


PCM1725 Product details

FEATURES
COMPLETE STEREO DAC: Includes Digital
Filter and Output Amp
DYNAMIC RANGE: 95dB
MULTIPLE SAMPLING FREQUENCIES:
16kHz to 96kHz
8X OVERSAMPLING DIGITAL FILTER
SYSTEM CLOCK: 256fS / 384fS
NORMAL OR I2S DATA INPUT FORMATS
SMALL 14-PIN SOIC PACKAGE

DESCRIPTION
The PCM1725 is a complete low cost stereo audio
digital-to-analog converter (DAC), operating off of a
256fS or 384fS system clock. The DAC contains a 3rdorder
DS modulator, a digital interpolation filter, and
an analog output amplifier. The PCM1725 accepts
16-bit input data in either normal or I2S formats.
The digital filter performs an 8X interpolation function
and includes de-emphasis at 44.1kHz. The PCM1725
can accept digital audio sampling frequencies from
16kHz to 96kHz, always at 8X oversampling.
The PCM1725 is ideal for low-cost, CD-quality consumer
audio applications.




Similar Part No. - PCM1725

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
Texas Instruments
PCM1725 TI1-PCM1725 Datasheet
647Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1725D TI-PCM1725D Datasheet
638Kb / 14P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1725D TI1-PCM1725D Datasheet
647Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1725DG4 TI-PCM1725DG4 Datasheet
638Kb / 14P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - PCM1725

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1733 BURR-BROWN-PCM1733 Datasheet
129Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 18 Bits, 96kHz Sampling
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
Texas Instruments
PCM1716 TI-PCM1716 Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716E TI1-PCM1716E Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com