Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1723E.B Datasheet (PDF) - Texas Instruments

PCM1723E.B Datasheet PDF - Texas Instruments
Part # PCM1723E.B
Download  PCM1723E.B Download
File Size   419.79 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL

PCM1723E.B Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1723E.B Datasheet PDF - Texas Instruments

Part # PCM1723E.B
Download  PCM1723E.B Click to download

File Size   419.79 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Stereo Audio DIGITAL-TO-ANALOG CONVERTER With Programmable PLL

PCM1723E.B Datasheet (HTML) - Texas Instruments


PCM1723E.B Product details

FEATURES
ACCEPTS 16-, 20-, OR 24-BIT INPUT DATA
COMPLETE STEREO DAC: Includes Digital Filter
and Output Amp
DYNAMIC RANGE: 94dB
MULTIPLE SAMPLING FREQUENCIES:
16kHz, 22.05kHz, 24kHz
32kHz, 44.1kHz, 48kHz
64kHz, 88.2kHz, 96kHz
PROGRAMMABLE PLL CIRCUIT:
256fS/384fS from 27MHz Master Clock
NORMAL OR I2S™ DATA INPUT FORMATS
SELECTABLE FUNCTIONS:
Soft Mute
Digital Attenuator (256 Steps)
Digital De-emphasis
OUTPUT MODE: Left, Right, Mono, Mute

DESCRIPTION
The PCM1723 is a complete, low-cost, stereo audio
digital-to-analog converter (DAC) with a phase-locked
loop (PLL) circuit included. The PLL derives either a
256fS or 384fS system clock from an external 27MHz
reference frequency. The DAC contains a 3rd-order
delta-sigma (ΔΣ) modulator, a digital interpolation filter,
and an analog output amplifier. The PCM1723 can
accept 16-, 20-, or 24-bit input data in either normal or
I2S formats.
The digital filter performs an 8X interpolation function
and includes selectable features such as soft mute,
digital attenuation and digital de-emphasis. The PLL
can be programmed for sampling at standard digital
audio frequencies as well as one-half and double
sampling frequencies.
The PCM1723 is ideal for applications which combine
compressed audio and video data such as DVD, DVDROM,
set-top boxes and MPEG sound cards.




Similar Part No. - PCM1723E.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1723E TI-PCM1723E Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PCM1723E/2K TI-PCM1723E/2K Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PCM1723E/2KG4 TI-PCM1723E/2KG4 Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PCM1723EG/2K TI-PCM1723EG/2K Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PCM1723EG4 TI-PCM1723EG4 Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
More results


Similar Description - PCM1723E.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1723 BURR-BROWN-PCM1723 Datasheet
218Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
PCM1727 BURR-BROWN-PCM1727 Datasheet
220Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PCM1721 BURR-BROWN-PCM1721 Datasheet
227Kb / 16P
DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
logo
Texas Instruments
PCM1723E TI-PCM1723E Datasheet
493Kb / 21P
DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com