Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1728E Datasheet (PDF) - Texas Instruments

PCM1728E Datasheet PDF - Texas Instruments
Part # PCM1728E
Download  PCM1728E Download
File Size   231.45 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER

PCM1728E Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1728E Datasheet PDF - Texas Instruments

Part # PCM1728E
Download  PCM1728E Click to download

File Size   231.45 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER

PCM1728E Datasheet (HTML) - Texas Instruments


PCM1728E Product details

FEATURES
ENHANCED MULTI-LEVEL DELTA-SIGMA DAC
SAMPLING FREQUENCY (fS): 16kHz - 96kHz
INPUT AUDIO DATA WORD:
16-, 20-, 24-Bit
HIGH PERFORMANCE:
THD+N: –96dB
Dynamic Range: 106dB
SNR: 106dB
Analog Output Range: 0.62 x VCC (Vp-p)
8x OVERSAMPLING DIGITAL FILTER:
Stop Band Attenuation: –82dB
Passband Ripple: ±0.002dB
MULTI FUNCTIONS:
Digital De-emphasis
Soft Mute
Zero Flag
+5V SINGLE SUPPLY OPERATION
SMALL 28-LEAD SSOP PACKAGE

DESCRIPTION
The PCM1728 is designed for mid- to high-grade
digital audio applications which achieve 96kHz sampling
rates with 24-bit audio data. PCM1728 uses a
newly developed, enhanced multi-level delta-sigma
modulator architecture that improves audio dynamic
performance and reduces jitter sensitivity in actual
applications. The internal digital filter operates at 8X
oversampling at a 96kHz sampling rate.
The PCM1728 has superior audio dynamic performance,
24-bit resolution, and 96kHz sampling, making
it ideal for mid- to high-grade audio applications
such as CD, DVD, and musical instruments.




Similar Part No. - PCM1728E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1728E TI1-PCM1728E Datasheet
328Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
PCM1728E/2K TI1-PCM1728E/2K Datasheet
328Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
PCM1728EG4 TI1-PCM1728EG4 Datasheet
328Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - PCM1728E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1741 BURR-BROWN-PCM1741 Datasheet
325Kb / 20P
3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1716 TI-PCM1716 Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716E TI1-PCM1716E Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com