Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC005N03LS5 Datasheet (PDF) - Infineon Technologies AG

BSC005N03LS5 Datasheet PDF - Infineon Technologies AG
Part # BSC005N03LS5
Download  BSC005N03LS5 Download
File Size   1482.95 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 5 Power-Transistor, 30 V

BSC005N03LS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSC005N03LS5 Datasheet PDF - Infineon Technologies AG

Part # BSC005N03LS5
Download  BSC005N03LS5 Click to download

File Size   1482.95 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 5 Power-Transistor, 30 V

BSC005N03LS5 Datasheet (HTML) - Infineon Technologies AG


BSC005N03LS5 Product details

Features
• Very low on-resistance RDS(on) @ VGS=4.5 V
• Optimized charges for fast switching
• Optimized QGD/QGS for induced turn on ruggedness
• Superior thermal resistance
• N-channel
• 100% avalanche tested
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - BSC005N03LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC005N03LS5 INFINEON-BSC005N03LS5 Datasheet
2Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.1 2020-12-22
BSC005N03LS5 INFINEON-BSC005N03LS5 Datasheet
1Mb / 12P
OptiMOSTM5Power-Transistor,30V
Rev.2.0,2020-04-16
BSC005N03LS5ATMA1 INFINEON-BSC005N03LS5ATMA1 Datasheet
1Mb / 12P
OptiMOSTM5Power-Transistor,30V
Rev.2.0,2020-04-16
BSC005N03LS5I INFINEON-BSC005N03LS5I Datasheet
1Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.0,2020-04-16
More results


Similar Description - BSC005N03LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC005N03LS5I INFINEON-BSC005N03LS5I Datasheet
1Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.0,2020-04-16
BSC005N03LS5 INFINEON-BSC005N03LS5 Datasheet
2Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.1 2020-12-22
IPTG063N15NM5 INFINEON-IPTG063N15NM5 Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2022-05-05
IQE006NE2LM5SC INFINEON-IQE006NE2LM5SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.0, 2022-04-28
IQE065N10NM5SC INFINEON-IQE065N10NM5SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.0, 2022-05-02
IQE065N10NM5 INFINEON-IQE065N10NM5 Datasheet
1Mb / 12P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2021-12-01
IPTC007N06NM5 INFINEON-IPTC007N06NM5 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-09-27
IQD020N10NM5CG INFINEON-IQD020N10NM5CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2023-04-04
IQDH29NE2LM5CG INFINEON-IQDH29NE2LM5CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.1, 2023-03-29
IQDH35N03LM5CG INFINEON-IQDH35N03LM5CG Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 30 V
Rev. 2.1, 2023-03-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com