Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2833 Datasheet (PDF) - Sealevel Systems, Inc.

2833 Datasheet PDF - Sealevel Systems, Inc.
Part # 2833
Download  2833 Download
File Size   330.92 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 8-Port RS-232, RS-422, RS-485 DB9 Serial Interface Adapter

2833 Datasheet (PDF)

Go To PDF Page Download Datasheet
2833 Datasheet PDF - Sealevel Systems, Inc.

Part # 2833
Download  2833 Click to download

File Size   330.92 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description USB to 8-Port RS-232, RS-422, RS-485 DB9 Serial Interface Adapter

2833 Datasheet (HTML) - Sealevel Systems, Inc.


2833 Product details

Features
• Compliant with RoHS and WEEE directives
• Each port individually software configurable for RS-232, RS-422,
or RS-485
• Electrical interface settings are maintained across
multiple computers
• High speed UART with 128-byte Tx FIFO and 384-byte Rx FIFO
• Supports data rates to 921.6K bps
• Automatic RS-485 enable/disable
• 5VDC input power passed through on pin 9 of each DB9M
connector and fused at 500mA for powering serial peripherals
• Sealevel’s SeaLATCH locking USB port provides secure connection
with SeaLATCH USB cables via metal thumbscrews
• SeaLATCH USB ports are fully compatible with standard
USB cables
• High-retention USB type B connector prevents accidental
disconnection of standard USB cable
• Includes two powered, fully-rated (500mA) USB 1.1 downstream
hub ports
• Status LEDs display electrical interface selection and serial data
activity for each port
• Power LED displays connection to host
• Eight DB9M connectors with full modem control signals
implemented in RS-232 mode
• Sealevel SeaCOM software supports Windows 98SE/ME/2000/XP
and Vista operating systems
• Includes desktop AC power supply with a locking DC connector
that outputs 5VDC @ 6A (Item# TR126) and US power
cord (Item# CA248)
• Includes 6′ USB type A to SeaLATCH USB type B device
cable (Item# CA356)




Similar Part No. - 2833

ManufacturerPart #DatasheetDescription
logo
Heyco.
2833 HEYCO-2833 Datasheet
102Kb / 1P
Shorty Bushings
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
28330-LTB-001-A MA-COM-28330-LTB-001-A Datasheet
17Kb / 2P
CN8330EPJD/EPFD
28330-LTB-001-A MA-COM-28330-LTB-001-A_15 Datasheet
17Kb / 2P
CN8330EPJD/EPFD
More results


Similar Description - 2833

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
P440-825FM TRIPPLITE-P440-825FM Datasheet
164Kb / 2P
DB25 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com