Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-5126GS-TNRT Datasheet (PDF) - Super Micro Computer, Inc.

AS-5126GS-TNRT Datasheet PDF - Super Micro Computer, Inc.
Part # AS-5126GS-TNRT
Download  AS-5126GS-TNRT Download
File Size   750.62 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description GPU SuperServer AS -5126GS-TNRT

AS-5126GS-TNRT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS-5126GS-TNRT Datasheet PDF - Super Micro Computer, Inc.

Part # AS-5126GS-TNRT
Download  AS-5126GS-TNRT Click to download

File Size   750.62 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description GPU SuperServer AS -5126GS-TNRT

AS-5126GS-TNRT Datasheet (HTML) - Super Micro Computer, Inc.


AS-5126GS-TNRT Product details

Key Applications
AI / Deep Learning, 3D Rendering Farm, Visualization / Simulation, High
Performance Computing, Multimedia/Digital Content creation,
Key Features
Dual Socket SP5 AMD EPYC™ 9005 Series Processors up to 500W with air
cooling;
Supports up to 8 double-width PCIe GPU accelerator cards;
Supports up to 24 DIMMs slots, 6400 MT/s 6TB DDR5 in 1DPC
(Please check System Memory Section for detail);
Total of 9 PCIe 5.0 x16 FHFL slots;
Dual front hot-swap 2.5" SATA + 4 front hot-swap 2.5" NVMe drive bays;
Total of 6x 2700W Redundant (3 + 3) Titanium Level power supplies
(Power supply full redundancy based on configuration and application
load);




Similar Part No. - AS-5126GS-TNRT

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
AS-5126GS-TNRT2 SUPERMICRO-AS-5126GS-TNRT2 Datasheet
747Kb / 2P
GPU SuperServer AS -5126GS-TNRT2
More results


Similar Description - AS-5126GS-TNRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-15W03 ETC2-SP-15W03 Datasheet
437Kb / 2P
NVIDIA ION2 GT218 GPU
5018R-MR ETC-5018R-MR Datasheet
88Kb / 3P
SuperServer 5018R-MR
logo
Vecow Co., Ltd.
ECS-9755-GTX1050 VECOW-ECS-9755-GTX1050 Datasheet
498Kb / 2P
GPU Computing Systems
20180710
logo
List of Unclassifed Man...
2026TT-DLRF ETC1-2026TT-DLRF Datasheet
15Mb / 104P
SuperServer
2028U-E1CNRT ETC1-2028U-E1CNRT Datasheet
162Kb / 3P
SuperServer
logo
Adlink Technology Inc.
MVP-5100 ADLINK-MVP-5100 Datasheet
443Kb / 2P
Embedded GPU/AI Platforms
MVP-5100-MXM ADLINK-MVP-5100-MXM Datasheet
443Kb / 2P
Embedded GPU/AI Platforms
MVP-6100 ADLINK-MVP-6100 Datasheet
821Kb / 2P
Expandable GPU Workstation Platforms
logo
CoolCox Limited All rig...
VC-AL4002 COOLCOX-VC-AL4002 Datasheet
356Kb / 1P
GPU COOLER VC-AL4002
VC-AL4008 COOLCOX-VC-AL4008 Datasheet
325Kb / 1P
GPU COOLER VC-AL4008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com