Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-F1114S-FT Datasheet (PDF) - Super Micro Computer, Inc.

AS-F1114S-FT Datasheet PDF - Super Micro Computer, Inc.
Part # AS-F1114S-FT
Download  AS-F1114S-FT Download
File Size   571.03 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description FatTwin A Server AS -F1114S-FT

AS-F1114S-FT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS-F1114S-FT Datasheet PDF - Super Micro Computer, Inc.

Part # AS-F1114S-FT
Download  AS-F1114S-FT Click to download

File Size   571.03 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description FatTwin A Server AS -F1114S-FT

AS-F1114S-FT Datasheet (HTML) - Super Micro Computer, Inc.


AS-F1114S-FT Product details

Key Applications
Hyperscale / Hyperconverged, HPC, Cloud Computing, Data center, Cluster
Node, HPC cluster computer nodes,
Key Features
Eight hot-pluggable systems (nodes) in a 4U form factor. Each node
supports the following:;
Single AMD EPYC™ 7003/7002 Series Processor
(The latest AMD EPYC™ 7003 Series Processor with AMD 3D V-Cache™
Technology requires BIOS version 2.3 or newer);
Up to 4TB ECC 3DS LRDIMM
up to DDR4-3200MHz; 16 DIMM slots;
Expansion slots: 2 PCIe 4.0 x16 LP
1 PCIe 4.0 x16 AIOM slot;
Up to 4 fixed internal 2.5" drive bays
4 SATA3 by default or optional 2 NVMe via additional cable
M.2 Interface: 2 SATA/NVMe, PCIe 4.0 x4
M.2 Form Factor: 2260, 2280, 22110
M.2 Key: M-key;




Similar Part No. - AS-F1114S-FT

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
AS-F1114S-RNTR SUPERMICRO-AS-F1114S-RNTR Datasheet
602Kb / 2P
FatTwin A Server AS -F1114S-RNTR
More results


Similar Description - AS-F1114S-FT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
As Easy To Install as a Microswitch
logo
List of Unclassifed Man...
PWS-801-1R ETC2-PWS-801-1R Datasheet
275Kb / 1P
A Server 4021M-82R / 4021M-82R B
72300R ETC2-72300R Datasheet
949Kb / 2P
Ethernet-FT Router and Local Server for IzoT and LON Networks
logo
PHOENIX CONTACT
2701720 PHOENIX-2701720 Datasheet
53Kb / 2P
Visu RT and AX OPC server integrated as standard in all devices
2700621 PHOENIX-2700621 Datasheet
55Kb / 3P
Visu RT and AX OPC server integrated as standard in all devices
2700622 PHOENIX-2700622 Datasheet
55Kb / 3P
Visu RT and AX OPC server integrated as standard in all devices
2700623 PHOENIX-2700623 Datasheet
55Kb / 3P
Visu RT and AX OPC server integrated as standard in all devices
2700913 PHOENIX-2700913 Datasheet
56Kb / 4P
Visu RT and AX OPC server integrated as standard in all devices
2701124 PHOENIX-2701124 Datasheet
69Kb / 3P
Ethernet communication module. Allows the Nanoline controller to be connected to an Ethernet, operating as a Modbus TCP Server.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com