Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1742 Datasheet (PDF) - Texas Instruments

PCM1742 Datasheet PDF - Texas Instruments
Part # PCM1742
Download  PCM1742 Download
File Size   776.16 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter

PCM1742 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1742 Datasheet PDF - Texas Instruments

Part # PCM1742
Download  PCM1742 Click to download

File Size   776.16 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter

PCM1742 Datasheet (HTML) - Texas Instruments


PCM1742 Product details

FEATURES
· 24-Bit Resolution
· Analog Performance (VCC = 5 V):
– Dynamic Range:
· 106 dB, Typical (PCM1742KE)
· 100 dB, Typical (PCM1742E)
– SNR:
· 106 dB, Typical (PCM1742KE)
· 100 dB, Typical (PCM1742E)
– THD+N:
· 0.002%, Typical (PCM1742KE) con·
0.003%, Typical (PCM1742E)
– Full-Scale Output: 3.1 V p-p, Typical
· 4x/8x Oversampling Digital Filter:
Stop-Band Attenuation: –55 dB
Pass-Band Ripple: ±0.03 dB
· Sampling Frequency: 5 kHz to 200 kHz
· System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
512 fS, 768 fS With Autodetect
· Accepts 16-, 18-, 20-, and 24-Bit Audio Data
· Data Formats: Standard, I2S, and
Left-Justified
· User-Programmable Mode Controls:
Digital Attenuation: 0 dB to –63 dB, 0.5
dB/Step
Digital De-Emphasis
Digital Filter Rolloff: Sharp or Slow
Soft Mute
Zero Flags for Each Output
· Dual-Supply Operation: 5-V Analog, 3.3-V
Digital
· 5-V Tolerant Digital Inputs
· Small SSOP-16 Package

APPLICATIONS
· AV Receivers
· DVD Movie Players
· DVD Add-On Cards for High-End PCs
· DVD Audio Players
· HDTV Receivers
· Car Audio Systems
· Other Applications Requiring 24-Bit Audio

DESCRIPTION
The PCM1742 is a CMOS, monolithic, integrated
circuit which includes stereo digital-to-analog con·
verters (DACs) and support circuitry in a small
SSOP-16 package. The data converters use Texas
Instruments' enhanced multilevel delta-sigma archi-
tecture that employs fourth-order noise shaping and
8-level amplitude quantization to achieve excellent
dynamic performance and improved tolerance to
clock jitter. The PCM1742 accepts industry-standard
audio data formats with 16- to 24-bit data, providing
easy interfacing to audio DSP and decoder chips.
Sampling rates up to 200 kHz are supported. A full
set of user-programmable functions is accessible
through a 3-wire serial control port that supports
register write functions.




Similar Part No. - PCM1742

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1742E BURR-BROWN-PCM1742E Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742E TI-PCM1742E Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1742E/2K BURR-BROWN-PCM1742E/2K Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742E/2K TI-PCM1742E/2K Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
More results


Similar Description - PCM1742

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com