Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E Datasheet (PDF) - Texas Instruments

PCM1741E Datasheet PDF - Texas Instruments
Part # PCM1741E
Download  PCM1741E Download
File Size   397.98 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER

PCM1741E Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1741E Datasheet PDF - Texas Instruments

Part # PCM1741E
Download  PCM1741E Click to download

File Size   397.98 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER

PCM1741E Datasheet (HTML) - Texas Instruments


PCM1741E Product details

FEATURES
24-BIT RESOLUTION
ANALOG PERFORMANCE (VCC = +3.3V):
Dynamic Range: 98dB typ
SNR: 98dB typ
THD+N: 0.005% typ
Full-Scale Output: 2.05Vp-p typ
8x OVERSAMPLING DIGITAL FILTER:
Stopband Attenuation: –55dB
Passband Ripple: ±0.03dB
SAMPLING FREQUENCY: 5kHz to 100kHz
SYSTEM CLOCK: 256, 384, 512, 768fS with
Auto Detect
ACCEPTS 16-, 18-, 20-, AND 24-BIT AUDIO
DATA
DATA FORMATS: Standard, I2S, and Left-
Justified
USER-PROGRAMMABLE MODE CONTROLS:
Digital Attenuation: 0dB to –63dB, 0.5dB/Step
Digital De-Emphasis
Digital Filter Roll-Off: Sharp or Slow
Soft Mute
Zero Flags for Each Output
3.3V SINGLE POWER SUPPLY
5V TOLERANT DIGITAL INPUTS
SMALL SSOP-16 PACKAGE

APPLICATIONS
AV RECEIVERS
DVD MOVIE PLAYERS
DVD ADD-ON CARDS FOR HIGH-END PCs
HDTV RECEIVERS
CAR AUDIO SYSTEMS
OTHER APPLICATIONS REQUIRING 24-BIT
AUDIO

DESCRIPTION
The PCM1741 is a CMOS, monolithic, integrated circuit
which includes stereo Digital-to-Analog Converters
(DACs) and support circuitry in a small SSOP-16 package.
The data converters utilize Texas Instrument’s enhanced
multilevel delta-sigma architecture that employs fourthorder
noise shaping and 8-level amplitude quantization to
achieve excellent dynamic performance and improved tolerance
to clock jitter. The PCM1741 accepts industry standard
audio data formats with 16- to 24-bit data, providing easy
interfacing to audio DSP and decoder chips. Sampling rates
up to 100kHz are supported. A full set of user-programmable
functions are accessible through a 3-wire serial
control port that supports register write functions.




Similar Part No. - PCM1741E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1741E BURR-BROWN-PCM1741E Datasheet
325Kb / 20P
3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1741E TI1-PCM1741E Datasheet
496Kb / 24P
DIGITAL-TO-ANALOG CONVERTER
PCM1741E/2K TI1-PCM1741E/2K Datasheet
496Kb / 24P
DIGITAL-TO-ANALOG CONVERTER
PCM1741E/2KG4 TI1-PCM1741E/2KG4 Datasheet
496Kb / 24P
DIGITAL-TO-ANALOG CONVERTER
PCM1741EG4 TI1-PCM1741EG4 Datasheet
496Kb / 24P
DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - PCM1741E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1741 BURR-BROWN-PCM1741 Datasheet
325Kb / 20P
3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1716 TI-PCM1716 Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com