Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E Datasheet (PDF) - Texas Instruments

PCM1748E Datasheet PDF - Texas Instruments
Part # PCM1748E
Download  PCM1748E Download
File Size   767.26 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter

PCM1748E Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1748E Datasheet PDF - Texas Instruments

Part # PCM1748E
Download  PCM1748E Click to download

File Size   767.26 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter

PCM1748E Datasheet (HTML) - Texas Instruments


PCM1748E Product details

FEATURES
· 24-Bit Resolution
· Analog Performance (VCC = 5 V):
– Dynamic Range:
· 106 dB, Typical (PCM1748KE)
· 100 dB, Typical (PCM1748E)
– SNR:
· 106 dB, Typical (PCM1748KE)
· 100 dB, Typical (PCM1748E)
– THD+N: con·
0.002%, Typical (PCM1748KE)
· 0.003%, Typical (PCM1748E)
– Full-Scale Output: 3.1 Vp-p, Typical
· 8× Oversampling Digital Filter:
– Stop-Band Attenuation: –55 dB
– Pass-Band Ripple: ±0.03 dB
· Sampling Frequency: 5 kHz to 100 kHz
· System Clock: 256 fS, 384 fS, 512 fS, 768 fS
With Autodetect
· Accepts 16-, 18-, 20-, and 24-Bit Audio Data
· Data Formats: Standard, I2S, and
Left-Justified
· User-Programmable Mode Controls:
– Digital Attenuation: 0 dB to –63 dB,
0.5 dB/Step
– Digital De-Emphasis
– Digital Filter Rolloff: Sharp or Slow
– Soft Mute
– Zero Flags for Each Output
· Dual-Supply Operation:
– 5-V Analog
– 3.3-V Digital
· 5-V Tolerant Digital Inputs
· Small SSOP-16 Package

APPLICATIONS
· AV Receivers
· DVD Movie Players
· DVD Add-On Cards for High-End PCs
· HDTV Receivers
· Car Audio Systems
· Other Applications Requiring 24-Bit Audio

DESCRIPTION
The PCM1748 is a CMOS, monolithic, integrated
circuit which includes stereo digital-to-analog con·
verters (DAC) and support circuitry in a small
SSOP-16 package. The data converters use Texas
Instruments' enhanced multilevel delta-sigma archi-
tecture that employs fourth-order noise shaping and
8-level amplitude quantization to achieve excellent
dynamic performance and improved tolerance to
clock jitter. The PCM1748 accepts industry-standard
audio data formats with 16- to 24-bit data, providing
easy interfacing to audio DSP and decoder chips.
Sampling rates up to 100 kHz are supported. A full
set of user-programmable functions is accessible
through a 3-wire serial-control port that supports
register write functions.




Similar Part No. - PCM1748E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1748E BURR-BROWN-PCM1748E Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1748E TI1-PCM1748E Datasheet
974Kb / 38P
Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1748E/2K BURR-BROWN-PCM1748E/2K Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1748E/2K TI1-PCM1748E/2K Datasheet
974Kb / 38P
Audio Digital-to-Analog Converter
PCM1748EG/2K TI1-PCM1748EG/2K Datasheet
974Kb / 38P
Audio Digital-to-Analog Converter
More results


Similar Description - PCM1748E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com