Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1803 Datasheet (PDF) - Texas Instruments

PCM1803 Datasheet PDF - Texas Instruments
Part # PCM1803
Download  PCM1803 Download
File Size   482.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER

PCM1803 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1803 Datasheet PDF - Texas Instruments

Part # PCM1803
Download  PCM1803 Click to download

File Size   482.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER

PCM1803 Datasheet (HTML) - Texas Instruments


PCM1803 Product details

FEATURES
· 24-Bit Delta-Sigma Stereo A/D Converter
· Single-Ended Voltage Input: 3 Vp-p
· Oversampling Decimation Filter:
– Oversampling Frequency: ×64, ×128
– Pass-Band Ripple: ±0.05 dB
– Stop-Band Attenuation: –65 dB
– On-Chip High-Pass Filter: 0.84 Hz (44.1 kHz)
· High-Performance:
– THD+N: –95 dB (Typically)
– SNR: 103 dB (Typically)
– Dynamic Range: 103 dB (Typically)
· PCM Audio Interface:
– Master/Slave Mode Selectable
– Data Formats:
· 24-Bit Left-Justified
· 24-Bit I2S
· 20-, 24-Bit Right-Justified
· Sampling Rate: 16 kHz to 96 kHz
· System Clock: 256 fS, 384 fS, 512 fS, 768 fS
· Dual Power Supplies: 5 V for Analog, 3.3 V
for Digital
· Package: 20-Pin SSOP
· Pb-Free Product

APPLICATIONS
· AV Amplifier Receiver
· MD Player
· CD Recorder
· Multitrack Receiver
· Electric Musical Instrument

DESCRIPTION
The PCM1803 is high-performance, low-cost,
single-chip stereo analog-to-digital converter with
single-ended analog voltage input. The PCM1803
uses a delta-sigma modulator with 64-, 128-times
oversampling, and includes a digital decimation filter
and high-pass filter which removes the DC
component of the input signal. For various
applications, the PCM1803 supports master and
slave modes and four data formats in serial interface. The PCM1803 is suitable for a wide variety of
cost-sensitive consumer applications where good
performance and operation from a 5-V analog supply
and 3.3-V digital supply are required. The PCM1803
is fabricated using a highly advanced CMOS process
and is available in a small 20-pin SSOP package.




Similar Part No. - PCM1803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI1-PCM1803 Datasheet
447Kb / 23P
96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI2-PCM1803A Datasheet
565Kb / 30P
PCM1803A Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
REVISED JULY 2016
PCM1803ADB TI-PCM1803ADB Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Similar Description - PCM1803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com