Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1801U Datasheet (PDF) - Texas Instruments

PCM1801U Datasheet PDF - Texas Instruments
Part # PCM1801U
Download  PCM1801U Download
File Size   506.54 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER

PCM1801U Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1801U Datasheet PDF - Texas Instruments

Part # PCM1801U
Download  PCM1801U Click to download

File Size   506.54 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-ENDED ANALOG-INPUT 16-BIT STEREO ANALOG-TO-DIGITAL CONVERTER

PCM1801U Datasheet (HTML) - Texas Instruments


PCM1801U Product details

FEATURES
· Dual 16-Bit Monolithic ΔΣ ADC
· Single-Ended Voltage Input
· Antialiasing Filter Included
· 64´ Oversampling Decimation Filter:
Pass-Band Ripple: ±0.05 dB
Stop-Band Attenuation: –65 dB
· Analog Performance:
THD+N: –88 dB (typical)
SNR: 93 dB (typical)
Dynamic Range: 93 dB (typical)
Internal High-Pass Filter
· PCM Audio Interface: Left-Justified, I2S
· Sampling Rate: 4 kHz to 48 kHz
· System Clock: 256 f S, 384 fS, or 512 fS
· Single 5-V Power Supply
· Small SO-14 Package

APPLICATIONS
· DVD Recorders
· DVD Receivers
· AV Amplifier Receivers
· Electric Musical Instruments

DESCRIPTION
The PCM1801 is a low-cost, single-chip stereo
analog-to-digital converter (ADC) with single-ended
analog voltage inputs. The PCM1801 uses a
delta-sigma modulator with 64 times oversampling, a
digital decimation filter, and a serial interface that supports slave mode operation and two data formats.
The PCM1801 is suitable for a wide variety of
cost-sensitive consumer applications where good
performance is required.




Similar Part No. - PCM1801U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1801U BURR-BROWN-PCM1801U Datasheet
101Kb / 13P
16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1801U TI1-PCM1801U Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801U/2K TI1-PCM1801U/2K Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801U/2KG4 TI1-PCM1801U/2KG4 Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801UG4 TI1-PCM1801UG4 Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - PCM1801U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com