Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2903B Datasheet (PDF) - Texas Instruments

PCM2903B Datasheet PDF - Texas Instruments
Part # PCM2903B
Download  PCM2903B Download
File Size   615.54 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF

PCM2903B Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM2903B Datasheet PDF - Texas Instruments

Part # PCM2903B
Download  PCM2903B Click to download

File Size   615.54 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF

PCM2903B Datasheet (HTML) - Texas Instruments


PCM2903B Product details

1FEATURES
234• On-Chip USB Interface:
– With Full-Speed Transceivers
– Fully Compliant with USB 2.0 Specification
– Certified by USB-IF
– Partially Programmable Descriptors (1)
– USB Adaptive Mode for Playback
– USB Asynchronous Mode for Record
– Self-Powered
• 16-Bit Delta-Sigma ADC and DAC
• Sampling Rates:
– DAC: 32, 44.1, 48 kHz
– ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
• On-Chip Clock Generator With Single 12-MHz
Clock Source
• S/PDIF Input/Output
• Single Power Supply:
– 3.3 V Typical
• Stereo ADC:
– Analog Performance at V CCC = VCCP1 = VCCP2
= VCCX = VDD = 3.3 V:
– THD+N = 0.01%
– SNR = 89 dB
– Dynamic Range = 89 dB
– Decimation Digital Filter: full–
Passband Ripple = ±0.05 dB
– Stop-Band Attenuation = –65 dB
– Single-Ended Voltage Input
– Antialiasing Filter Included
– Digital HPF Included
• Stereo DAC:
– Analog Performance at VCCC = VCCP1 = VCCP2
= VCCX = VDD = 3.3 V:
– THD+N = 0.005%
– SNR = 96 dB
– Dynamic Range = 93 dB
– Oversampling Digital Filter:
– Passband Ripple = ±0.1 dB
– Stop-Band Attenuation = –43 dB
– Single-Ended Voltage Output
– Analog LPF Included
• Multifunctions:
– Human Interface Device (HID) Function:
– Volume and and Mute Controls
– Suspend Flag Function
• 28-Pin SSOP Package

APPLICATIONS
• USB Audio Speaker
• USB Headset
• USB Monitor
• USB Audio Interface Box

DESCRIPTION
The PCM2903B is Texas Instruments' single-chip,
USB, stereo audio codec with a USB-compliant full–
speed protocol controller and S/PDIF. The USB
protocol controller requires no software code, but the
USB descriptors can be modified in some areas (for
example, vendor ID and/or product ID). The
PCM2903B employs SpAct™ architecture, TI's
unique system that recovers the audio clock from
USB packet data. On-chip analog PLLs with SpAct
enable playback and record with low clock jitter as
well as independent playback and record sampling
rates.




Similar Part No. - PCM2903B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903BDB TI1-PCM2903BDB Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903BDBR TI1-PCM2903BDBR Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Similar Description - PCM2903B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com