Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet (PDF) - Texas Instruments

PCM3003 Datasheet PDF - Texas Instruments
Part # PCM3003
Download  PCM3003 Download
File Size   601.15 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS

PCM3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM3003 Datasheet PDF - Texas Instruments

Part # PCM3003
Download  PCM3003 Click to download

File Size   601.15 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS

PCM3003 Datasheet (HTML) - Texas Instruments


PCM3003 Product details

FEATURES
· Monolithic 20-Bit DS ADC and DAC
· 16/20-Bit Input/Output Data
· Software Control: PCM3002
· Hardware Control: PCM3003
· Stereo ADC:
– Single-Ended Voltage Input
– Antialiasing Filter
– 64´ Oversampling
– High Performance
· THD+N: –86 dB
· SNR: 90 dB
· Dynamic Range: 90 dB
· Stereo DAC:
– Single-Ended Voltage Output
– Analog Low-Pass Filter
– 64´ Oversampling
– High Performance
· THD+N: –86 dB
· SNR: 94 dB
· Dynamic Range: 94 dB
· Special Features (PCM3002, PCM3003)
– Digital De-Emphasis: 32 kHz, 44.1 kHz,
48 kHz
– Power Down: ADC/DAC Independent
· Special Features (PCM3002)
– Digital Attenuation (256 Steps)
– Soft Mute
– Digital Loopback
– Four Alternative Audio Data Formats
· Sampling Rate: 4 kHz to 48 kHz
· Single 3-V Power Supply
· Small Package: SSOP-24

APPLICATIONS
· DVC Applications
· DSC Applications
· Portable/Mobile Audio Applications

DESCRIPTION
The PCM3002 and PCM3003 are low-cost,
single-chip stereo audio codecs (analog-to-digital and
digital-to-analog converters) with single-ended analog
voltage input and output.
The ADCs and DACs employ delta-sigma modulation
with 64-times oversampling. The ADCs include a
digital decimation filter, and the DACs include an
8-times oversampling digital interpolation filter. The
DACs also include digital attenuation, de-emphasis,
infinite zero detection, and soft mute to form a complete subsystem. The PCM3002 and PCM3003
operate with left-justified (ADC) and right-justified
(DAC) formats, while the PCM3002 also supports
other formats, including the I2S data format.
The PCM3002 and PCM3003 provide a power-down
mode that operates on the ADCs and DACs indepen- dently.
The PCM3002 and PCM3003 are fabricated using a
highly advanced CMOS process, and are available in
a 24-pin SSOP package. The PCM3002 and
PCM3003 are suitable for a wide variety of
cost-sensitive consumer applications where good performance
is required.
The PCM3002 programmable functions are controlled
by software. The PCM3003 functions, which are
controlled by hardware, include de-emphasis,
power-down, and audio data format selections.




Similar Part No. - PCM3003

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PCM3003 BURR-BROWN-PCM3003 Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003E BURR-BROWN-PCM3003E Datasheet
206Kb / 23P
16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PCM3003E BURR-BROWN-PCM3003E Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003E/2K BURR-BROWN-PCM3003E/2K Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
More results


Similar Description - PCM3003

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM3008 TI-PCM3008 Datasheet
424Kb / 27P
LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
logo
Texas Instruments
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
Single-Ended Analog Input/Output
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
Single-Ended Analog Input/Output Stereo Audio Codec
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com