Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104 Datasheet (PDF) - Texas Instruments

PCM4104 Datasheet PDF - Texas Instruments
Part # PCM4104
Download  PCM4104 Download
File Size   745.95 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Performance, 24-Bit, 216kHz Sampling, Four-Channel Audio Digital-to-Analog Converter

PCM4104 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM4104 Datasheet PDF - Texas Instruments

Part # PCM4104
Download  PCM4104 Click to download

File Size   745.95 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Performance, 24-Bit, 216kHz Sampling, Four-Channel Audio Digital-to-Analog Converter

PCM4104 Datasheet (HTML) - Texas Instruments


PCM4104 Product details

FEATURES
Four High-Performance, Multi-Level,
Delta-Sigma Digital-to-Analog Converters
Differential Voltage Outputs
− Full-Scale Output (Differential): 6.15VPP
Supports Sampling Frequencies up to 216kHz
Typical Dynamic Performance (24-Bit Data)
− Dynamic Range (A-Weighted): 118dB
− THD+N: −100dB
Linear Phase, 8x Oversampling Digital
Interpolation Filter
Digital De-Emphasis Filters for 32kHz,
44.1kHz, and 48kHz Sampling Rates
Soft Mute Function
− All-Channel Mute via the MUTE Input Pin
− Per-Channel Mute Available in Software
Mode
Digital Attenuation (Software Mode Only)
− Attenuation Range: 0dB to −119.5dB
− 256 Steps with 0.5dB per Step
Output Phase Inversion (Software Mode Only)
Zero Data Mute (Software Mode Only)
Audio Serial Port
− Supports Left-Justified, Right-Justified,
I2S, and TDM Data Formats
− Accepts 16-, 18-, 20, and 24-Bit Two’s
Complement PCM Audio Data
Standalone or Software-Controlled
Configuration Modes
Four-Wire Serial Peripheral Interface (SPI)
Port Provides Control Register Access in
Software Mode
Power Supplies: +5V Analog, +3.3V Digital
Power Dissipation
− 203mW typical with fS = 48kHz
− 220mW typical with fS = 96kHz
− 236mW typical with fS = 192kHz
Power-Down Modes
Small 48-Lead TQFP Package

APPLICATIONS
Digital Mixing Consoles
Digital Audio Workstations
Digital Audio Effects Processors
Broadcast Studio Equipment
Surround-Sound Processors
High-End A/V Receivers

DESCRIPTION
The PCM4104 is a high-performance, four-channel
digital-to-analog (D/A) converter designed for use in
professional audio applications. The PCM4104 supports
16- to 24-bit linear PCM input data, with sampling
frequencies up to 216kHz. The PCM4104 features lower
power consumption than most comparable stereo audio
D/A converters, making it ideal for use in high channel
count applications by lowering the overall power budget
required for the D/A conversion sub-system.
The PCM4104 features delta-sigma architecture,
employing a high-performance multi-level modulator
combined with a switched capacitor output filter. This
architecture yields lower out-of-band noise and a high
tolerance to system clock phase jitter. Differential voltage
outputs are provided for each channel and are well-suited
to high-performance audio applications. The differential
outputs are easily converted to a single-ended output
using an external op amp IC.
The PCM4104 includes a flexible audio serial port
interface, which supports standard and time division
multiplexed (TDM) formats. Support for TDM formats
simplifies interfacing to DSP serial ports, while supporting
a cascade connection for two PCM4104 devices. In
addition, the PCM4104 offers two configuration modes:
Standalone and Software-Controlled. The Standalone
mode provides dedicated control pins for configuring a
subset of the available PCM4104 functions, while
Software mode utilizes a serial peripheral interface (SPI)
port for accessing the complete feature set via internal
control registers.
The PCM4104 operates from a +5V analog power supply
and a +3.3V digital power supply. The digital I/O is
compatible with +3.3V logic families. The PCM4104 is
available in a TQFP-48 package.




Similar Part No. - PCM4104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
logo
Texas Instruments
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104IPFBREP TI-PCM4104IPFBREP Datasheet
877Kb / 43P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM4104PFBR BURR-BROWN-PCM4104PFBR Datasheet
486Kb / 36P
High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
More results


Similar Description - PCM4104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM4108 TI-PCM4108 Datasheet
551Kb / 39P
HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222_07 Datasheet
913Kb / 40P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4220 TI-PCM4220 Datasheet
945Kb / 34P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104PFBTG4 TI1-PCM4104PFBTG4 Datasheet
1Mb / 40P
High-Performance, 24-Bit,216kHz Sampling
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com