Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4202DBR.B Datasheet (PDF) - Texas Instruments

PCM4202DBR.B Datasheet PDF - Texas Instruments
Part # PCM4202DBR.B
Download  PCM4202DBR.B Download
File Size   567.05 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter

PCM4202DBR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM4202DBR.B Datasheet PDF - Texas Instruments

Part # PCM4202DBR.B
Download  PCM4202DBR.B Click to download

File Size   567.05 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter

PCM4202DBR.B Datasheet (HTML) - Texas Instruments


PCM4202DBR.B Product details

FEATURES
Two High-Performance Delta-Sigma
Analog-to-Digital Converters
− 24-Bit Linear PCM or 1-Bit Direct Stream
Digital (DSD) Output Data
− Supports PCM Output Sampling Rates up
to 216kHz
− Supports 64fS and 128fS DSD Output Data
Rates
Dynamic Performance: PCM Output
− Dynamic Range (VIN = −60dBFS,
fIN = 1kHz, A-Weighted): 118dB
− THD+N (VIN = −0.5dB, fIN = 1kHz): −105dB
Dynamic Performance: DSD Output, 64fS
− Dynamic Range (A-Weighted): 115dB
− THD+N (VIN = −0.5dB, fIN = 1kHz): −102dB
Audio Serial Port
− 24-Bit Linear PCM Output Data
− Master or Slave Mode Operation
− Supports Left-Justified, Right-Justified,
and I2S Data Formats
Additional PCM Output Features:
− Linear-Phase Digital Decimation Filter
− Digital High-Pass Filter for DC Removal
− Clipping Flag Output for Each Channel
Power Supplies: +5V Analog and +3.3V Digital
Power Dissipation:
− fS = 48kHz: 308mW typical
− fS = 96kHz: 338mW typical
− fS = 192kHz: 318mW typical
Power-Down Mode
Available in a SSOP-28 Package
Pin- and Function-Compatible with the
PCM1804

APPLICATIONS
Digital Recorders and Mixing Desks
Digital Audio Effects Processors
Broadcast Studio Equipment
Surround-Sound Encoders
High-End A/V Receivers

DESCRIPTION
The PCM4202 is a high-performance, stereo audio
analog-to-digital (A/D) converter designed for professional
and broadcast audio applications. The PCM4202
architecture utilizes a 1-bit delta-sigma modulator per
channel, incorporating a novel density modulated dither
scheme for improved dynamic performance.
The PCM4202 supports 24-bit linear PCM output data,
with sampling frequencies up to 216kHz. The PCM4202
can also be configured to output either 64x or 128x
oversampled, 1-bit direct stream digital (DSD) data for
each channel. Support for PCM and DSD output formats
makes the PCM4202 suitable for a variety of digital audio
recording and processing applications.
The PCM4202 includes a flexible audio serial port interface,
which supports standard audio data formats. Audio
data format selection, sampling mode configuration, and
high-pass filter functions are all programmed using dedicated
control pins.
The PCM4202 operates from a +5V analog power supply
and a +3.3V digital power supply. The digital I/O pins are
compatible with +3.3V logic families. The PCM4202 is
available in a small SSOP-28 package.




Similar Part No. - PCM4202DBR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM4202DBR.B TI2-PCM4202DBR.B Datasheet
567Kb / 32P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
SEPTEMBER 2004
More results


Similar Description - PCM4202DBR.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM4108 TI-PCM4108 Datasheet
551Kb / 39P
HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222_07 Datasheet
913Kb / 40P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4220 TI-PCM4220 Datasheet
945Kb / 34P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4202-EP TI1-PCM4202-EP Datasheet
1,000Kb / 29P
High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converte
PCM4104PFBTG4 TI1-PCM4104PFBTG4 Datasheet
1Mb / 40P
High-Performance, 24-Bit,216kHz Sampling
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com