Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PGA308 Datasheet (PDF) - Texas Instruments

PGA308 Datasheet PDF - Texas Instruments
Part # PGA308
Download  PGA308 Download
File Size   147.51 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET

PGA308 Datasheet (PDF)

Go To PDF Page Download Datasheet
PGA308 Datasheet PDF - Texas Instruments

Part # PGA308
Download  PGA308 Click to download

File Size   147.51 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET

PGA308 Datasheet (HTML) - Texas Instruments


PGA308 Product details

1FEATURES
• Digital Calibration for Bridge Sensors
• Offset Select: Coarse and Fine
• Gain Select: Coarse and Fine
• Bridge Fault Monitor
• Input Mux for Lead Swap
• Over/Under Scale Limits
• D OUT/ VOUT Clamp Function
• Seven Banks OTP Memory
• One-Wire Digital UART Interface
• Operating Voltage: 2.7 V to 5.5 V

APPLICATIONS
• Bridge Sensors
• Remote Transmitters
• Strain, Load, Weigh Scales
• Automotive Sensors

DESCRIPTION
The PGA308 is a programmable analog sensor signal conditioner. The analog signal path amplifies the sensor
signal and provides digital calibration for offset and gain. Calibration is done via the 1W pin, a digital One-Wire,
UART-compatible interface. For three-terminal sensor modules, 1W may be connected to VOUT and the assembly
programmed through the VOUT pin. Gain and offset calibration parameters are stored onboard in seven banks of
one-time programmable (OTP) memory. The power-on reset (POR) OTP bank may be programmed a total of
four times.
The all-analog signal path contains a 2×2 input multiplexer (mux) to allow electronic sensor lead swapping, a
coarse offset adjust, an auto-zero programmable gain instrumentation amplifier (PGA), a fine gain adjust, a fine
offset adjust, and a programmable gain output amplifier. Fault monitor circuitry detects and signals sensor
burnout, overload, and system fault conditions. Over/under-scale limits provide additional means for system level
diagnostics. The dual-use DOUT/VCLAMP pin can be used as a programmable digital output or as a VOUT overvoltage
clamp.




Similar Part No. - PGA308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
Single-Supply, Auto-Zero Sensor Amplifier
PGA308 TI1-PGA308 Datasheet
1Mb / 30P
Programmable Gain and Offset
PGA308 TI2-PGA308 Datasheet
1Mb / 31P
Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
REVISED DECEMBER 2010
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
More results


Similar Description - PGA308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2003 ETC-XE2003 Datasheet
88Kb / 6P
CAPACITIVE SENSOR INTERFACE CIRCUIT WITH GAIN AND OFFSET ADJUSTMENT
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA308 TI-PGA308 Datasheet
638Kb / 24P
Single-Supply, Auto-Zero Sensor Amplifier
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA308 TI1-PGA308_16 Datasheet
1Mb / 30P
Programmable Gain and Offset
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com