Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB48510BAS Datasheet (PDF) - Texas Instruments

PTB48510BAS Datasheet PDF - Texas Instruments
Part # PTB48510BAS
Download  PTB48510BAS Download
File Size   617.84 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL

PTB48510BAS Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB48510BAS Datasheet PDF - Texas Instruments

Part # PTB48510BAS
Download  PTB48510BAS Click to download

File Size   617.84 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL

PTB48510BAS Datasheet (HTML) - Texas Instruments


PTB48510BAS Product details

1FEATURES
• Dual Complementary Outputs
(±5 V, ±12 V, or ±15 V)
• Input Voltage Range: 36 V to 75 V
• On/Off Enable for Sequencing
• 1500 VDC Isolation
• Overcurrent Protection
• Overvoltage Protection (PTB48511 only)
• Over Temperature Shutdown
• Undervoltage Lockout
• Temperature Range: –40°C to 85°C
• Industry Standard Outline
• Fixed Frequency Operation
• Synchronizes with PTB48500
• Powers Line Drivers for AC-7 and Other xDSL
Chipsets
• Safety Approvals:
– EN 60950
– UL/cUL 60950

DESCRIPTION
The PTB4851x series of isolated DC/DC converter
modules produce a complementary pair of regulated
supply voltages for powering line-driver devices in
xDSL telecom applications. The modules operate
from a standard telecom (–48 V) central office (CO)
supply and can provide up to a 72 W of power in a balanced load configuration.
The A-suffix module (±5 V) is designed to power the
line driver devices for the AC-7 ADSL chipset. Other
voltage options powers other analog applications
requiring a complementary supply with relatively
balanced loads.o
Both the PTB48510 and PTB48511 include an
“on/off” enable control, output current limit, overtemperature
protection, and input under-voltage
lockout (UVLO). The PTB48511 adds output
overvoltage protection (OVP).
The control inputs, Enable and Sync In, are
compatible with the EN Out and Sync Out signals of
the PTB48500 DC/DC converter. This allows the
power-up and switching frequency of the PTB4851x
modules to be directly controlled from a PTB48500.
Together the PTB48500 and PTB4851xA converters
meet all the system power and sequencing
requirements of the AC- ADSL chipset.
The PTB4851x uses double-sided surface mount
technology contruction. The package size is based on
the industry standard outline and does not require a
heatsink. Both through-hole and surface mount pin
configurations are available.




Similar Part No. - PTB48510BAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48510BAS TI1-PTB48510BAS Datasheet
558Kb / 18P
DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
More results


Similar Description - PTB48510BAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4741 TI-PT4741 Datasheet
180Kb / 10P
70-W Quad-Output DC/DC Converter for DSL
PT4840A TI-PT4840A Datasheet
221Kb / 14P
65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
Dual Complementary-Output DC/DC Converter for DSL
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
DUAL OUTPUT DC-DC CONVERTER
logo
Texas Instruments
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
Dual Complementary-Output DC/DC Converter for DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
85 W Dual Complementary-Output DC/DC Converter for DSL
logo
MORNSUN Science& Techno...
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
DUAL OUTPUT DC-DC CONVERTER
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
DUAL OUTPUT DC-DC CONVERTER
logo
Texas Instruments
PTB48510 TI1-PTB48510_14 Datasheet
558Kb / 18P
DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com