Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166YML-TR Datasheet (PDF) - Microchip Technology

MIC5166YML-TR Datasheet PDF - Microchip Technology
Part # MIC5166YML-TR
Download  MIC5166YML-TR Download
File Size   1791.33 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A High-Speed, Low-VIN DDR Terminator

MIC5166YML-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5166YML-TR Datasheet PDF - Microchip Technology

Part # MIC5166YML-TR
Download  MIC5166YML-TR Click to download

File Size   1791.33 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A High-Speed, Low-VIN DDR Terminator

MIC5166YML-TR Datasheet (HTML) - Microchip Technology


MIC5166YML-TR Product details

Features
• Operating Voltage Range:
- VDDQ Supply: 0.9V to 3.6V
- Bias Supply: 2.5V to 5.5V
• High Bandwidth: Very Fast Transient Response
• Stable with Two 10 µF Ceramic Output Capacitors
• Two 10 µF Output Capacitors used in Most
Applications
• High Output Voltage Accuracy:
- 0.015% Line Regulation
- 1.5% Load Regulation
• Logic Level Enable Input
• Power Good (PG)
• Thermally Enhanced 3 mm x 3 mm DFN
• Junction Temperature Range –40°C to +125°C
• This Device Meets DDR4 Requirements

Applications
• Desktop Computers
• Notebook Computers
• Datacom Systems
• Servers
• Video Cards

General Description
The MIC5166 is a 3A, high-speed, linear, low VIN,
double data rate (DDR), memory terminator power
supply. The part is small and requires small output
capacitors, making it a tiny overall solution. This allows
it to be conveniently placed close to the DDR memory,
minimizing circuit board layout inductance that may
cause excessive voltage ripple at the DDR memory.
The MIC5166 contains a precision voltage divider
network in order to take in the VDDQ voltage as a
reference voltage and conveniently output the
terminator voltage (VTT) at one half of the VDDQ input
voltage.
The MIC5166 is capable of sinking and sourcing up to
3A. It is stable with only two 10 µF ceramic output
capacitors. The part is available in a small 3 mm x
3 mm DFN thermally-enhanced package.
The MIC5166 has a high-side NMOS output stage
offering very low output impedance, and very high
bandwidth. The NMOS output stage offers a unique
ability to respond very quickly to sudden load changes
such as is required for DDR memory termination power
supply applications.




Similar Part No. - MIC5166YML-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5166YML-TR MICROCHIP-MIC5166YML-TR Datasheet
1Mb / 36P
3A High-Speed, Low-VIN DDR Terminator
08/15/18
More results


Similar Description - MIC5166YML-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
3A BUS TERMINATOR
BB1110TB ETC-BB1110TB Datasheet
91Kb / 4P
DDR SDRAM TERMINATOR NETWORKS.
CM8500A ETC1-CM8500A Datasheet
409Kb / 13P
3A BUS TERMINATOR
logo
Micrel Semiconductor
MIC47100 MICREL-MIC47100 Datasheet
754Kb / 13P
1A High Speed Low VIN LDO
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
3A BUS TERMINATOR
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC5166 MICREL-MIC5166 Datasheet
1Mb / 25P
3A High-Speed Low VIN DDR Terminator
logo
CTS Corporation
008-0520-0 CTS-008-0520-0 Datasheet
161Kb / 4P
DDR SDRAM Terminator
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com