Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T4970ST Datasheet (PDF) - TT Electronics.

T4970ST Datasheet PDF - TT Electronics.
Part # T4970ST
Download  T4970ST Download
File Size   458.83 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description POE DESKTOP SINGLE DC OUTPUT SPLITTER SERIES 5-12V 12W

T4970ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T4970ST Datasheet PDF - TT Electronics.

Part # T4970ST
Download  T4970ST Click to download

File Size   458.83 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description POE DESKTOP SINGLE DC OUTPUT SPLITTER SERIES 5-12V 12W

T4970ST Datasheet (HTML) - TT Electronics.


T4970ST Product details

Features:
•Easy Installation
•Input: 30 to 60V DC
•Short Circuit Protection
•Over Load Protection
•Over Voltage Protection
•Compact Size: 85 x 76 x 36mm
•1 Year Warranty
Description:
The T4969ST & T4970ST are compact and cost effective Power over Ethernet (PoE) Active Splitters for remote powering of WLAN Access Points, VoIP and network security cameras. These PoE Active Splitters works with Power Injector, as a data/power splitter and DC to DC converter. Compliant with IEEE 802.3af and CISCO inline-power injector, all materials meet RoHS standard.




Similar Part No. - T4970ST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T497 KEMET-T497 Datasheet
154Kb / 4P
HIGH GRADE COTS TANTALUM CHIPS
logo
TT Electronics.
T4971ST TTELEC-T4971ST Datasheet
410Kb / 2P
POE DESKTOP SINGLE PORT INJECTOR SERIES 48-50V 16.8-35 WATT
19/06/2020
T4972ST TTELEC-T4972ST Datasheet
410Kb / 2P
POE DESKTOP SINGLE PORT INJECTOR SERIES 48-50V 16.8-35 WATT
19/06/2020
logo
Kemet Corporation
T497A106K006AH6110 KEMET-T497A106K006AH6110 Datasheet
154Kb / 4P
HIGH GRADE COTS TANTALUM CHIPS
T497A106K006AH6115 KEMET-T497A106K006AH6115 Datasheet
154Kb / 4P
HIGH GRADE COTS TANTALUM CHIPS
More results


Similar Description - T4970ST

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
120WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
90WAC-DC Single Output Desktop
SCW12 MEANWELL-SCW12 Datasheet
163Kb / 1P
12W DC-DC Regulated Single Output Converter
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
40WAC-DC Single Output Desktop
SCW12 MEANWELL-SCW12_11 Datasheet
165Kb / 1P
12W DC-DC Regulated Single Output Converter
logo
Level One
POS-1001 LVL1-POS-1001 Datasheet
559Kb / 3P
5-12V DC Gigabit PoE Splitter
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
POS-3000 LVL1-POS-3000 Datasheet
632Kb / 3P
5-12V DC Gigabit PoE-Plus Splitter
POS-4000 LVL1-POS-4000 Datasheet
1Mb / 3P
High Power PoE Splitter 12V
POS-4001 LVL1-POS-4001 Datasheet
473Kb / 2P
Outdoor High Power PoE Splitter (12V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com