Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5638ST Datasheet (PDF) - TT Electronics.

T5638ST Datasheet PDF - TT Electronics.
Part # T5638ST
Download  T5638ST Download
File Size   236.69 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description USB A TO MINI B 1.8MTR BLACK CABLE

T5638ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T5638ST Datasheet PDF - TT Electronics.

Part # T5638ST
Download  T5638ST Click to download

File Size   236.69 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description USB A TO MINI B 1.8MTR BLACK CABLE

T5638ST Datasheet (HTML) - TT Electronics.


T5638ST Product details

Features:
• Available in 1.8m
• USB A to Mini B
Description:
USB 2.0 is used on most sat navs but can be found on lots of device from PS3 controllers to Cameras and Camcorders.
The cable is also shielded to eliminate interference from other devices or power sources.




Similar Part No. - T5638ST

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T5630B MORNSUN-T5630B Datasheet
68Kb / 2P
Active Single channel Analog signal Isolation barrier
T5630D/S MORNSUN-T5630D/S Datasheet
90Kb / 2P
ACTIVE SIGNAL AMPLIFIER
T5630P MORNSUN-T5630P Datasheet
226Kb / 4P
Isolated Transmitter
More results


Similar Description - T5638ST

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U029-006 TRIPPLITE-U029-006 Datasheet
491Kb / 4P
USB 2.0 Hi-Speed A to Mini-B Cable (A to 4PinRound Mini-B M/M) 6-ft.
logo
Assmann Electronics Inc...
AK670M-2-2-R ASSMANN-AK670M-2-2-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
logo
Tripp Lite. All Rights ...
U028006 TRIPPLITE-U028006 Datasheet
480Kb / 2P
USB 2.0 Hi-Speed A to Mini-B Cable (A to 4Pin Mini-B, M-M), 6-ft
U030003 TRIPPLITE-U030003 Datasheet
475Kb / 2P
USB 2.0 Hi-Speed A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft
U030006 TRIPPLITE-U030006 Datasheet
475Kb / 2P
USB 2.0 Hi-Speed A to Mini-B Cable (A to 5Pin Mini-B M-M), 6-ft
logo
Molex Electronics Ltd.
1110145000 MOLEX1-1110145000 Datasheet
46Kb / 1P
HSAutoLink Cable Assembly, USCAR/USB MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization A, A
logo
Tripp Lite. All Rights ...
U030-003 TRIPPLITE-U030-003 Datasheet
156Kb / 2P
USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft.
U030-006 TRIPPLITE-U030-006 Datasheet
156Kb / 2P
USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B M/M), 6-ft.
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com