Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000D Datasheet (PDF) - Semikron International

P2000D Datasheet PDF - Semikron International
Part # P2000D
Download  P2000D Download
File Size   254.14 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Standard silicon rectifier diodes

P2000D Datasheet (PDF)

Go To PDF Page Download Datasheet
P2000D Datasheet PDF - Semikron International

Part # P2000D
Download  P2000D Click to download

File Size   254.14 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Standard silicon rectifier diodes

P2000D Datasheet (HTML) - Semikron International


P2000D Product details

Forward Current : 20 A

Reverse Voltage : 50 to 1200 V



Features

• Max. solder temperature : 260 °C

• Plastic material has UL classification 94V-0




Similar Part No. - P2000D

ManufacturerPart #DatasheetDescription
logo
Semikron International
P2000D SEMIKRON-P2000D Datasheet
453Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
P2000D DIOTEC-P2000D Datasheet
97Kb / 2P
Silicon Rectifier Diodes
P2000D DIOTEC-P2000D Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
logo
Infineon Technologies A...
P2000DL45X168 INFINEON-P2000DL45X168 Datasheet
893Kb / 12P
Druckkontaktierter IGBT Press Pack IGBT
Revision:3.0 2021-09-21
P2000DL45X168HPSA1 INFINEON-P2000DL45X168HPSA1 Datasheet
893Kb / 12P
Druckkontaktierter IGBT Press Pack IGBT
Revision:3.0 2021-09-21
More results


Similar Description - P2000D

ManufacturerPart #DatasheetDescription
logo
Semikron International
1N5059 SEMIKRON-1N5059 Datasheet
129Kb / 2P
Standard silicon rectifier diodes
BY133 SEMIKRON-BY133 Datasheet
131Kb / 2P
Standard silicon rectifier diodes
P600A SEMIKRON-P600A Datasheet
140Kb / 2P
Standard silicon rectifier diodes
P1000A SEMIKRON-P1000A Datasheet
143Kb / 2P
Standard silicon rectifier diodes
GL1A SEMIKRON-GL1A Datasheet
116Kb / 2P
Standard silicon rectifier diodes
S1A SEMIKRON-S1A Datasheet
111Kb / 2P
Standard silicon rectifier diodes
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
Standard silicon rectifier diodes
P1200A SEMIKRON-P1200A_10 Datasheet
443Kb / 2P
Standard silicon rectifier diodes
P2000A SEMIKRON-P2000A_11 Datasheet
453Kb / 2P
Standard silicon rectifier diodes
P2500ATL SEMIKRON-P2500ATL Datasheet
452Kb / 2P
Standard silicon rectifier diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com