Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03000WAS Datasheet (PDF) - Texas Instruments

PTH03000WAS Datasheet PDF - Texas Instruments
Part # PTH03000WAS
Download  PTH03000WAS Download
File Size   446.09 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module

PTH03000WAS Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH03000WAS Datasheet PDF - Texas Instruments

Part # PTH03000WAS
Download  PTH03000WAS Click to download

File Size   446.09 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module

PTH03000WAS Datasheet (HTML) - Texas Instruments


PTH03000WAS Product details

Features
• Up to 6-A Output Current
• 3.3 V Input Voltage
• Wide-Output Voltage Adjust
(0.9 V to 2.5 V)
• Efficiencies up to 95 %
• 115 W/in³ Power Density
• On/Off Inhibit
• Under-Voltage Lockout
• Output Current Limit
• Over-Temperature Protection
• Operating Temp: –40 to +85 °C
• Surface Mount Package
• Safety Agency Approvals (Pending):
UL 1950, CSA 22.2 950, EN60950
& VDE

Description
The PTH03000 series of non-isolated
power modules are small in size and high
on performance. Using double-sided surface
mount construction and synchronous
rectification technology, these regulators
deliver up to 6 A of output current while
occupying a PCB area of about half the
size of a standard postage stamp. They
are an ideal choice for applications where
space, performance and cost are important
design constraints.
The series operates from an input
voltage of 3.3 V to provide step-down
power conversion to any output voltage
over the range, 0.9 V to 2.5 V. The output
voltage of the PTH03000W is set
within this range using a single resistor.
Operating features include an on/off
inhibit, output voltage adjust (trim), an
output current limit, and over-temperature
protection.
Target applications include telecom,
industrial, and general purpose circuits,
including low-power dual-voltage systems
that use a DSP, microprocessor, or ASIC.
Package options include both throughhole
and surface mount configurations.




Similar Part No. - PTH03000WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000WAS TI-PTH03000WAS Datasheet
369Kb / 13P
Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
PTH03000WAST TI-PTH03000WAST Datasheet
369Kb / 13P
Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
More results


Similar Description - PTH03000WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com