Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03060W Datasheet (PDF) - Texas Instruments

PTH03060W Datasheet PDF - Texas Instruments
Part # PTH03060W
Download  PTH03060W Download
File Size   664.07 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module

PTH03060W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH03060W Datasheet PDF - Texas Instruments

Part # PTH03060W
Download  PTH03060W Click to download

File Size   664.07 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module

PTH03060W Datasheet (HTML) - Texas Instruments


PTH03060W Product details

Features
• Up to 10-A Output Current
• 3.3-V Input Voltage
• Wide-Output Voltage Adjust
(0.8 V to 2.5 V)
• Efficiencies up to 96 %
• 114 W/in³ Power Density
• On/Off Inhibit
• Output Voltage Sense
• Pre-Bias Startup
• Margin Up/Down Controls
• Under-Voltage Lockout
• Auto-Track™ Sequencing
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• Operating Temp: –40 to +85 °C
• DSP Compatible Output Voltages
• Safety Agency Approvals:
UL 1950, CSA 22.2 950, EN60950
VDE (Pending)
• Point-of-Load Alliance (POLA)
Compatible

Description
The PTH03060W non-isolated power
module is small in size but big on performance
and flexibility. Its high output
current, compact footprint, and industryleading
features offers system designers
a versatile module for powering complex
multi-processor digital systems.
This product employs double-sided
surface mount construction and provides
high-performance step-down power
conversion for up to 10 A of output current
from a 3.3-V input bus voltage.
The output voltage is adjustable and can
be set to any value over the range, 0.8 V to
2.5 V, using a single resistor.
This series includes Auto-Track™
Sequencing. Auto-Track simplifies the
task of supply voltage sequencing in a
power system by enabling modules to
track each other, or any external voltage,
during power up and power down.
Other operating features include an
on/off inhibit, margin up/down controls,
and the ability to start up into an existing
output voltage or prebias. To ensure tight
load regulation, an output voltage sense
is also provided. A non-latching overcurrent
trip serves as load fault protection.
Target applications include complex
multi-voltage, multi-processor systems
that incorporate the industry’s high-speed
DSPs, micro-processors and bus drivers.




Similar Part No. - PTH03060W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03060W TI-PTH03060W Datasheet
608Kb / 18P
10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
PTH03060WAD TI-PTH03060WAD Datasheet
608Kb / 18P
10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
logo
Artesyn Technologies
PTH03060WAD ARTESYN-PTH03060WAD Datasheet
349Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03060WADT ARTESYN-PTH03060WADT Datasheet
349Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Texas Instruments
PTH03060WAH TI-PTH03060WAH Datasheet
608Kb / 18P
10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
More results


Similar Description - PTH03060W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03060W TI-PTH03060W Datasheet
608Kb / 18P
10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH10T033 ASTEC-ATH10T033 Datasheet
402Kb / 14P
10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com