Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04040W Datasheet (PDF) - Texas Instruments

PTH04040W Datasheet PDF - Texas Instruments
Part # PTH04040W
Download  PTH04040W Download
File Size   618.98 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE

PTH04040W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH04040W Datasheet PDF - Texas Instruments

Part # PTH04040W
Download  PTH04040W Click to download

File Size   618.98 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE

PTH04040W Datasheet (HTML) - Texas Instruments


PTH04040W Product details

1FEATURES
2• 60-A Output Current
• 3.3-V and 5-V Input Voltage
• Wide-Output Voltage Adjust (0.8 V to 2.5 V)
• Efficiencies up to 93%
• On/Off Inhibit
• Differential Output Sense
• Output Overcurrent Protection
(Nonlatching, Auto-Reset)
• Overtemperature Protection
• Auto-Track™ Sequencing
• Start Up Into Output Prebias
• Margin Up/Down Controls
• Operating Temperature: –40°C to 85°C
• Multi-Phase, Switch-Mode Topology
• Programmable Undervoltage Lockout (UVLO)
• Safety Agency Approvals:
UL/IEC/CSA-22.2 60950-1

APPLICATIONS
• Advanced Computing and Server Applications

DESCRIPTION
The PTH04040W is a high-performance 60-A rated, nonisolated, power module, which uses the latest
multi-phase switched-mode topology. This provides a small, ready-to-use module, that can power the most
densely populated multiprocessor systems.
The PTH04040W operates over an input voltage range of 2.95 V to 5.5 V, and can be set to any output voltage
over the range, 0.8 V to 2.5 V, using a single external resistor. The combination of a wide input voltage and
wide-output adjust range allows the PTH04040W to be used in many of high-performance applications. These
include advanced computing platforms and servers that utilize either a 3.3-V or 5-V distribution bus.
These modules incorporate a comprehensive list of features. They include an on/off inhibit and margin up/down
controls. A differential remote output voltage sense ensures tight load regulation, and an output overcurrent and
overtemperature shutdown protect against most load faults. A programmable undervoltage lockout allows the
turn-on threshold to be customized.
The PTH04040W incorporates Auto-Track™. Auto-Track is a popular feature of the PTH family that allows the
outputs of multiple modules to track a common voltage during power-up and power-down transitions. This greatly
simplifies the sequencing of voltages for VLSI ICs that operate off multiple power rails.
The double-sided surface mount construction has a low profile and compact footprint. It is available in both
throughhole and surface-mount packages.




Similar Part No. - PTH04040W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH04040W ARTESYN-PTH04040W Datasheet
604Kb / 4P
3.3 / 5.0 Vin Single Output
PTH04040WAD ARTESYN-PTH04040WAD Datasheet
437Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH04040WAD ARTESYN-PTH04040WAD Datasheet
604Kb / 4P
3.3 / 5.0 Vin Single Output
PTH04040WAH ARTESYN-PTH04040WAH Datasheet
437Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
More results


Similar Description - PTH04040W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com