Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04070W Datasheet (PDF) - Texas Instruments

PTH04070W Datasheet PDF - Texas Instruments
Part # PTH04070W
Download  PTH04070W Download
File Size   479.72 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR

PTH04070W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH04070W Datasheet PDF - Texas Instruments

Part # PTH04070W
Download  PTH04070W Click to download

File Size   479.72 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR

PTH04070W Datasheet (HTML) - Texas Instruments


PTH04070W Product details

1FEATURES
· Up to 3-A Output Current at 85°C
· 3.3-V / 5-V Input Voltage
· Wide-Output Voltage Adjust
(0.9 V to 3.6 V)
· 160 W/in3 Power Density
· Efficiencies Up To 94%
· On/Off Inhibit
· Undervoltage Lockout (UVLO)
· Output Overcurrent Protection
(Nonlatching, Auto-Reset)
· Overtemperature Protection
· Ambient Temp. Range: –40°C to 85°C
· Surface Mount Package
· Safety Agency Approvals:
UL/IEC/CSA-C22.2 60950-1

APPLICATIONS
· Telecommunications, Instumentation, and General-Purpose Circuits

DESCRIPTION
The PTH04070W is a highly integrated, low-cost switching regulator module that delivers up to 3 A of output
current. Occupying less PCB area than a standard TO-220 linear regulator IC, the PTH04070W provides output
current at a much higher efficiency and with much less power dissipation, thereby eliminating the need for a heat
sink. Their small size (0.5 ´ 0.4 in), high efficiency, and low cost makes these modules attractive for a variety of
applications.
The input voltage range of the PTH04070W is from 3 V to 5.5 V, allowing operation from either a 3.3-V or 5-V
input bus. Using state-of-the-art switched-mode power-conversion technology, the PTH04070W can step down to
voltages as low as 0.9 V from a 5-V input bus, with typically less than 1 W of power dissipation. The output
voltage can be adjusted to any voltage over the range, 0.9 V to 3.6 V, using a single external resistor. Operating
features include an undervoltage lockout (UVLO), on/off inhibit, output overcurrent protection, and
overtemperature protection. Target applications include telecommunications, test and measurement applications,
and high-end consumer products. The modules are available in both through-hole and surface-mount package
options, including tape and reel.




Similar Part No. - PTH04070W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
436Kb / 16P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070WAD TI-PTH04070WAD Datasheet
436Kb / 16P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070WAH TI-PTH04070WAH Datasheet
402Kb / 15P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070WAH TI-PTH04070WAH Datasheet
436Kb / 16P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Similar Description - PTH04070W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT6440 TI-PT6440 Datasheet
178Kb / 8P
6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04000W TI-PTH04000W_15 Datasheet
686Kb / 21P
3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com