Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05000W Datasheet (PDF) - Texas Instruments

PTH05000W Datasheet PDF - Texas Instruments
Part # PTH05000W
Download  PTH05000W Download
File Size   466.19 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module

PTH05000W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH05000W Datasheet PDF - Texas Instruments

Part # PTH05000W
Download  PTH05000W Click to download

File Size   466.19 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module

PTH05000W Datasheet (HTML) - Texas Instruments


PTH05000W Product details

Features
• Up to 6-A Output Current
• 5-V Input Voltage
• Wide-Output Voltage Adjust
(0.9 V to 3.6 V)
• Efficiencies up to 94 %
• 160 W/in³ Power Density
• On/Off Inhibit
• Under-Voltage Lockout
• Output Current Limit
• Pre-Bias Startup Capability
• Over-Temperature Protection
• Surface Mountable
• Operating Temp: –40 to +85 °C
• Safety Agency Approvals (Pending):
UL 1950, CSA 22.2 950, EN60950
& VDE

Description
The PTH05000 series of non-isolated
power modules are small in size and high
on performance. Using double-sided surface
mount construction and synchronous
rectification technology, these regulators
deliver up to 6 A of output current while
occupying a PCB area of about half the
size of a standard postage stamp. They
are an ideal choice for applications where
space, performance and cost are important
design constraints.
The series operates from an input
voltage of 5 V to provide step-down
power conversion to any output voltage
over the range, 0.9 V to 3.6 V. The output
voltage of the PTH05000W is set
within this range using a single resistor.
Operating features include an on/off
inhibit, output voltage adjust (trim), an
output current limit, and over-temperature
protection.
For high efficiency these parts employ
a synchronous rectifier output stage. An
output pre-bias holdoff capability ensures
that the output will not sink current during
startup.
Target applications include telecom,
industrial, and general purpose circuits,
including low-power dual-voltage systems
that use a DSP, microprocessor, or ASIC.
Package options include both throughhole
and surface mount configurations.




Similar Part No. - PTH05000W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05000W TI-PTH05000W Datasheet
299Kb / 12P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000WAD TI-PTH05000WAD Datasheet
401Kb / 14P
Over-Temperature Protection, Output Current Limit, Up to 6-A Output Current
PTH05000WAH TI-PTH05000WAH Datasheet
299Kb / 12P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000WAH TI-PTH05000WAH Datasheet
401Kb / 14P
Over-Temperature Protection, Output Current Limit, Up to 6-A Output Current
PTH05000WAS TI-PTH05000WAS Datasheet
299Kb / 12P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Similar Description - PTH05000W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05010W TI-PTH05010W Datasheet
308Kb / 16P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05050W TI-PTH05050W Datasheet
297Kb / 16P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W Datasheet
299Kb / 12P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05050W TI-PTH05050W_07 Datasheet
1Mb / 22P
6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com