Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05030W Datasheet (PDF) - Texas Instruments

PTH05030W Datasheet PDF - Texas Instruments
Part # PTH05030W
Download  PTH05030W Download
File Size   503.01 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules

PTH05030W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH05030W Datasheet PDF - Texas Instruments

Part # PTH05030W
Download  PTH05030W Click to download

File Size   503.01 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules

PTH05030W Datasheet (HTML) - Texas Instruments


PTH05030W Product details

Features
• Up to 30 A Output Current
• 5-V Input Voltage
• Wide-Output Voltage Adjust
(0.8 V to 3.6 V)
• 180 W/in³ Power Density
• On/Off Inhibit
• Efficiencies up to 94 %
• Pre-Bias Startup
• Margin Up/Down Controls
• Under-Voltage Lockout
• Auto-Track™ Sequencing
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• Over-Temperature Protection
• Operating Temp: –40 to +85 °C
• Safety Agency Approvals:
UL 1950, CSA 22.2 950, EN60950
VDE (Pending)
• Point-of-Load Alliance (POLA)
Compatible

Description
The PTH05030 is a series of highcurrent
non-isolated power modules
from Texas Instruments. This product is
characterized by high efficiencies, and
up to 30 A of output current, while occupying
a mere 1.64 in² of PCB area. In
terms of cost, size, and performance, the
series provides OEM’s with a flexible
module that meets the requirements of
the most complex and demanding mixedsignal
applications. These include the
most densly populated, multi-processor
systems that incorporate high-speed
DSP’s, microprocessors, and ASICs.
The series uses double-sided surface
mount construction and provides highperformance
step-down power conversion
from a 5-V input bus voltage. The output
voltage of the PTH05030W can be
set to any value over the range 0.8 V to
3.6 V, using a single resistor.
This series includes Auto-Track™.
Auto-Track simplifies power-up and
power-down supply voltage sequencing
in a system by enabling modules to track
each other, or any other external voltage.
Each model also includes an on/off
inhibit, output voltage adjust (trim), and
margin up/down controls. An output
voltage sense ensures tight load regulation,
and an output over-current and thermal
shutdown feature provide for protection
against external load faults.
Package options inlude both throughhole
and surface mount configurations.




Similar Part No. - PTH05030W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05030W TI-PTH05030W Datasheet
440Kb / 18P
30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PTH05030WAD TI-PTH05030WAD Datasheet
440Kb / 18P
30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
logo
Artesyn Technologies
PTH05030WAD ARTESYN-PTH05030WAD Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05030WADT ARTESYN-PTH05030WADT Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Texas Instruments
PTH05030WAH TI-PTH05030WAH Datasheet
440Kb / 18P
30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
More results


Similar Description - PTH05030W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05010W TI-PTH05010W Datasheet
308Kb / 16P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05030W TI-PTH05030W Datasheet
440Kb / 18P
30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PTH05T210W TI-PTH05T210W Datasheet
887Kb / 29P
30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
ATH30T05 ASTEC-ATH30T05 Datasheet
409Kb / 16P
30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH05T210W TI-PTH05T210W_15 Datasheet
1Mb / 31P
30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS?
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05030W TI-PTH05030W_15 Datasheet
416Kb / 19P
30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com