Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08000W Datasheet (PDF) - Texas Instruments

PTH08000W Datasheet PDF - Texas Instruments
Part # PTH08000W
Download  PTH08000W Download
File Size   731.6 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK™ SEQUENCING

PTH08000W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH08000W Datasheet PDF - Texas Instruments

Part # PTH08000W
Download  PTH08000W Click to download

File Size   731.6 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK™ SEQUENCING

PTH08000W Datasheet (HTML) - Texas Instruments


PTH08000W Product details

1FEATURES
2· Up to 2.25-A Output Current at 85°C
· 4.5-V to 14-V Input Voltage Range
· Wide-Output Voltage Adjust
(0.9 V to 5.5 V)
· Efficiencies Up to 94%
· On/Off Inhibit
· Undervoltage Lockout (UVLO)
· Output Overcurrent Protection
(Nonlatching, Auto-Reset)
· Overtemperature Protection
· Ambient Temperature Range: –40°C to 85°C
· Surface-Mount Package
· Safety Agency Approvals:
UL/CUL 60950, EN60950

APPLICATIONS
· Telecommunications, Instrumentation,
and General-Purpose Circuits

DESCRIPTION
The PTH08000W is a highly integrated, low-cost switching regulator module that delivers up to 2.25 A of output
current. The PTH08000W sources output current at a much higher efficiency than a TO-220 linear regulator IC,
eliminating the need for a heatsink. The small size (0.75 inch ´ 0.5 inch) and flexible operation creates value for
a variety of applications.
The input voltage range of the PTH08000W is 4.5 V to 14 V, allowing operation from either a 5-V or 12-V input
bus. Using state-of-the-art switched-mode power-conversion technology, the PTH08000W can step down to
voltages as low as 0.9 V from a 5-V input bus, with less than 1 W of power dissipation. The output voltage can
be adjusted to any voltage over the range, 0.9 V to 5.5 V, using a single external resistor. This series includes
Auto-Track™ sequencing. This feature simplifies the task of supply voltage sequencing in a power system by
enabling modules to track each other, or any external voltage, during power up and power down. Operating
features include an undervoltage lockout (UVLO), on/off inhibit, overcurrent protection, and overtemperature
protection. Target applications include telecommunications, test and measurement applications, and high-end
consumer products. This product is available in both through-hole and surface-mount package options, including
tape and reel. The PTH08000W is compatible with TI's roadmap for RoHS and lead-free compliance.




Similar Part No. - PTH08000W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH08000WAH TI-PTH08000WAH Datasheet
1Mb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08000WAH TI-PTH08000WAH Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH08000WAS TI-PTH08000WAS Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
More results


Similar Description - PTH08000W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04000W TI-PTH04000W_15 Datasheet
686Kb / 21P
3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
AUTO-TRACK??SEQUENCING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com