Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12040W Datasheet (PDF) - Texas Instruments

PTH12040W Datasheet PDF - Texas Instruments
Part # PTH12040W
Download  PTH12040W Download
File Size   690.17 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE

PTH12040W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH12040W Datasheet PDF - Texas Instruments

Part # PTH12040W
Download  PTH12040W Click to download

File Size   690.17 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE

PTH12040W Datasheet (HTML) - Texas Instruments


PTH12040W Product details

1FEATURES
2· 50-A Output Current
· 8-V to 14-V Input Voltage
· Wide-Output Voltage Adjust (0.8 V to 5.5 V)
· Efficiencies up to 96%
· On/Off Inhibit
· Differential Output Sense
· Output Overcurrent Protection
(Nonlatching, Auto-Reset)
· Overtemperature Protection
· Auto-Track™ Sequencing
· Start Up Into Output Prebias
· Margin Up/Down Controls
· Operating Temperature: –40°C to 85°C
· Multi-Phase, Switch-Mode Topology
· Programmable Undervoltage Lockout (UVLO)
· Safety Agency Approvals:
UL/cUL 60950, EN60950, VDE

APPLICATIONS
· Advanced Computing and Server Applications

DESCRIPTION
The PTH12040W is a high-performance 50-A rated, non-isolated, power module, which uses the latest
multiphase switched-mode topology. This provides a small, ready-to-use module, that can power the most densly
populated multiprocessor systems.
Operating from an input voltage range of 8 V to 14 V, the PTH12040W requires a single resistor to set the output
voltage to any value over the range, 0.8 V to 5.5 V. The wide input voltage range makes the PTH12040W
particularly suitable for advanced computing and server applications that utilize a loosely regulated 12-V
intermediate distribution bus.
The modules incorporate a comprehensive list of features. They include on/off inhibit and margin up/down
controls. A differential remote output voltage sense ensures tight load regulation, and an output overcurrent and
overtemperature shutdown protect against most load faults. The programmable under-voltage lockout allows the
turn-on and turn-off voltage thresholds to be customized.
The PTH12040W incorporates Auto-Track™. The Auto-Track feature of the PTH family allows the outputs of
multiple modules to track a common voltage during power up and power down transitions. This simplifies power
up and power down supply-voltage sequencing in a power supply system.
The modules use double-sided surface mount construction to provide a low profile and compact footprint.
Package options include both through-hole and surface mount configurations.




Similar Part No. - PTH12040W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W Datasheet
626Kb / 28P
50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040WAD TI-PTH12040WAD Datasheet
636Kb / 27P
50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12040WAD ARTESYN-PTH12040WAD Datasheet
222Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12040WAD EMERSON-NETWORKPOWER-PTH12040WAD Datasheet
222Kb / 4P
DC-DC CONVERTERS
More results


Similar Description - PTH12040W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH08T210W TI-PTH08T210W Datasheet
1Mb / 30P
30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
PTV08040W TI-PTV08040W Datasheet
714Kb / 23P
50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PTV08T250W TI-PTV08T250W Datasheet
2Mb / 30P
50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE w/ TurboTrans??TECHNOLOGY
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com