Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTR08060W Datasheet (PDF) - Texas Instruments

PTR08060W Datasheet PDF - Texas Instruments
Part # PTR08060W
Download  PTR08060W Download
File Size   412.47 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR

PTR08060W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTR08060W Datasheet PDF - Texas Instruments

Part # PTR08060W
Download  PTR08060W Click to download

File Size   412.47 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR

PTR08060W Datasheet (HTML) - Texas Instruments


PTR08060W Product details

1FEATURES
• Up to 6-A Output Current
• Wide Input Voltage Range (4.5 V to 14 V)
• Wide-Output Voltage Adjust
(0.6 V to 5.5 V)
• Efficiencies Up To 96%
• ON/OFF Inhibit
• Undervoltage Lockout (UVLO)
• Output Overcurrent Protection
(Nonlatching, Auto-Reset)
• Ambient Temp. Range: –40°C to 85°C
• Space Saving Vertical SIP Package

APPLICATIONS
• Instrumentation
• Consumer Electronics
• Servers
• General-Purpose Circuits

DESCRIPTION
The PTR08060W is a highly integrated, low-cost switching regulator module that delivers up to 6 A of output
current. Occupying approximate PCB area of a standard TO-220 linear regulator IC, the PTR08060W provides
output current at a much higher efficiency and with much less power dissipation, thereby eliminating the need for
a heat sink. Their small size (0.65 x 0.41 in), high efficiency, and low cost makes these modules attractive for a
variety of applications.
The input voltage range of the PTR08060W is from 4.5 V to 14 V, allowing operation from either a 5-V or 12-V
input bus. Using state-of-the-art switched-mode power-conversion technology, the PTR08060W can step down to
voltages as low as 0.6 V. The output voltage can be adjusted to any voltage over the range, 0.6 V to 5.5 V, using
a single external resistor. Operating features include an undervoltage lockout (UVLO), on/off inhibit and output
overcurrent protection. Target applications include servers, test and measurement applications, and high-end
consumer products.




Similar Part No. - PTR08060W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTR08060W TI-PTR08060W Datasheet
350Kb / 15P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060W TI1-PTR08060W Datasheet
355Kb / 17P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060WVD TI-PTR08060WVD Datasheet
350Kb / 15P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060WVD TI1-PTR08060WVD Datasheet
355Kb / 17P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060W TI1-PTR08060W_14 Datasheet
355Kb / 17P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
More results


Similar Description - PTR08060W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTR08060W TI-PTR08060W Datasheet
350Kb / 15P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTR08100W TI-PTR08100W Datasheet
348Kb / 15P
10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTR08060W TI1-PTR08060W_14 Datasheet
355Kb / 17P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTR08060W TI-PTR08060W_15 Datasheet
322Kb / 16P
6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08100W TI-PTR08100W_15 Datasheet
277Kb / 16P
10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com